Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6350-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS7B6350-Q1
Description  300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6350-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7B6350-Q1 Datasheet HTML 1Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B6350-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
TPS7B6333-Q1, TPS7B6350-Q1
SLVSDU9 – FEBRUARY 2017
www.ti.com
Product Folder Links: TPS7B6333-Q1 TPS7B6350-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ground.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating ambient temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Unregulated input
IN, EN
–0.3
45
V
Internal oscillator reference voltage
ROSC
–0.3
7
V
Power-good delay-timer output
DELAY
–0.3
7
V
Regulated output
OUT
–0.3
7
V
Power-good output voltage
PG
–0.3
7
V
Watchdog status output voltage
WDO
–0.3
7
V
Watchdog frequency selection, watchdog-type selection
FSEL, WTS
–0.3
45
V
Watchdog enable
WD_EN
–0.3
7
V
Watchdog service signal voltage
WD
–0.3
7
V
Window ratio selection
WRS
–0.3
7
V
Power-good threshold-adjustment voltage
PGADJ
–0.3
7
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C


Similar Part No. - TPS7B6350-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6350-Q1 TI1-TPS7B6350-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
More results

Similar Description - TPS7B6350-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com