Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3201 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3201
Description  40-ns, Micropower, Push-Pull Output Automotive Comparators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3201 Datasheet(HTML) 5 Page - Texas Instruments

  TLV3201 Datasheet HTML 1Page - Texas Instruments TLV3201 Datasheet HTML 2Page - Texas Instruments TLV3201 Datasheet HTML 3Page - Texas Instruments TLV3201 Datasheet HTML 4Page - Texas Instruments TLV3201 Datasheet HTML 5Page - Texas Instruments TLV3201 Datasheet HTML 6Page - Texas Instruments TLV3201 Datasheet HTML 7Page - Texas Instruments TLV3201 Datasheet HTML 8Page - Texas Instruments TLV3201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TLV3201-Q1, TLV3202-Q1
www.ti.com
SBOS856 – FEBRUARY 2017
Product Folder Links: TLV3201-Q1 TLV3202-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.5 Electrical Characteristics: VCC = 5 V
at TA = 25°C and VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VIO
Input offset voltage
VCM = VCC / 2
1
5
mV
TA = –40°C to 125°C
6
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
1
10
µV/°C
PSRR
Power-supply rejection ratio
VCM = VCC / 2, VCC = 2.5 V to 5.5 V
65
85
dB
Input hysteresis
1.2
mV
INPUT BIAS CURRENT
IIB
Input bias current
VCM = VCC / 2
1
50
pA
TA = –40°C to 125°C
5
nA
IIO
Input offset current
VCM = VCC / 2
1
50
pA
TA = –40°C to 125°C
2.5
nA
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
TA = –40°C to 125°C
(VEE) – 0.2
(VCC) + 0.2
V
CMRR
Common-mode rejection ratio
–0.2 V < VCM < 5.2 V
60
70
dB
INPUT IMPEDANCE
Common mode
1013 || 2
Ω || pF
Differential
1013 || 4
Ω || pF
OUTPUT
VOL
Voltage output swing from lower rail
ISINK = 4 mA
175
190
mV
TA = –40°C to 125°C
225
VOH
Voltage output swing from upper rail
ISOURCE = 4 mA
120
140
mV
TA = –40°C to 125°C
170
ISC
Short-circuit current (per comparator)
ISC sinking
40
48
mA
TA = –40°C to 125°C
See Figure 14
ISC sourcing
52
60
TA = –40°C to 125°C
See Figure 14
POWER SUPPLY
VCC
Specified voltage
2.7
5.5
V
IQ
Quiescent current
TA = 25°C
40
50
µA
TA = –40°C to 125°C
65
7.6 Electrical Characteristics: VCC = 2.7 V
at TA = 25°C and VCC = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VIO
Input offset voltage
VCM = VCC / 2
1
5
mV
TA = –40°C to 125°C
6
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
1
10
µV/°C
PSRR
Power-supply rejection ratio
VCM = VCC / 2, VCC = 2.5 V to 5.5 V
65
85
dB
Input hysteresis
1.2
mV
INPUT BIAS CURRENT
IIB
Input bias current
VCM = VCC / 2
1
50
pA
TA = –40°C to 125°C
5
nA
IIO
Input offset current
VCM = VCC / 2
1
50
pA
TA = –40°C to 125°C
2.5
nA
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
TA = –40°C to 125°C
(VEE) – 0.2
(VCC) + 0.2
V
CMRR
Common-mode rejection ratio
–0.2 V < VCM < 2.9 V
56
68
dB


Similar Part No. - TLV3201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201 Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3201 TI1-TLV3201 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV3201 TI1-TLV3201 Datasheet
1Mb / 31P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV32012KIDBTRG4 TI-TLV32012KIDBTRG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
More results

Similar Description - TLV3201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201_12 Datasheet
1Mb / 26P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201_14 Datasheet
1Mb / 31P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com