Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB10.241 Datasheet(PDF) 7 Page - PULS GmbH

Part # UB10.241
Description  DC-UPS CONTROL UNIT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB10.241 Datasheet(HTML) 7 Page - PULS GmbH

Back Button UB10.241 Datasheet HTML 3Page - PULS GmbH UB10.241 Datasheet HTML 4Page - PULS GmbH UB10.241 Datasheet HTML 5Page - PULS GmbH UB10.241 Datasheet HTML 6Page - PULS GmbH UB10.241 Datasheet HTML 7Page - PULS GmbH UB10.241 Datasheet HTML 8Page - PULS GmbH UB10.241 Datasheet HTML 9Page - PULS GmbH UB10.241 Datasheet HTML 10Page - PULS GmbH UB10.241 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
UB10.241
U–Series
24V, 10A, DC-UPS
9. BUFFER TIME
The buffer time depends on the capacity and performance of the battery as well as the load current. The diagram
below shows the typical buffer times of the standard battery modules.
Buffer time with battery module UZK12.071
min.
19’12’’
At 5A output current *)
min.
5’42’’
At 10A output current *)
7/23
typ.
21’30’’
At 5A output current, see Fig. 9-1 **)
typ.
6’45’’
At 10A output current, see Fig. 9-1 **)
Buffer time with battery module UZK12.261
min.
99’30’’
At 5A output current *)
min.
39’
At 10A output current *)
typ.
130’
At 5A output current, see Fig. 9-1 **)
typ.
55’
At 10A output current, see Fig. 9-1 **)
*)
Minimum value includes 20% aging of the battery and a cable length of 1.5m with a cross section of 2.5mm
2 between the
battery and the DC-UPS and requires a fully charged (min. 24h) battery.
**) Typical value includes 10% aging of the battery and a cable length of 0.3m with a cross section of 2.5mm
2 between the battery
and the DC-UPS and requires a fully charged (min. 24h) battery.
Fig. 9-1
Buffer time vs. output current with the battery modules UZK12.071 and UZK12.261
Buffer Current
515
2
4
6
8
10A
20
10
25 30 35
45 50
40
55 60 65 70 75 80 85
Buffer Time (Minutes)
UZK12.071 typ.
UZK12
.261 ty
p.
12V 7Ah battery
12V 26
Ah batt
ery
120
150
210 240
300
Min.
180
270
90
UZK12.261 typ.
UZK12.071 typ.
90
The battery capacity is usually specified in amp-hours (Ah) for a 20h discharging event. The battery discharge is non-
linear (due to the battery chemistry). The higher the discharging current, the lower the appropriable battery capacity.
The magnitude of the reduction depends on the discharging current as well as on the type of battery. High current
battery types can have up to 50% longer buffer times compared to regular batteries when batteries will be
discharged in less than 1 hour.
High discharging currents do not necessarily mean high power losses as the appropriable battery capacity is reduced
with such currents. When the battery begins to recharge after a discharging event, the process is completed much
faster since only the energy which was taken out of the battery needs to be “refilled”.
For this reason, the buffer time cannot be calculated using the Ah capacity value. The equation “I x t” = capacity in
Ah generally leads to incorrect results when the discharging current is higher than C20 (discharging current for 20h).
The battery datasheet needs to be studied and a determination of the expected buffer time can be made according
to the following example:
June. 2010 / Rev. 1.3 DS-UB10.241-EN
All parameters are specified at an input voltage of 24V, 10A output load, 25°C ambient and after a 5 minutes run-in time
unless otherwise noted. It is assumed that the input power source can deliver a sufficient output current.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - UB10.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
   DC-UPS
UB10.245 PULS-UB10.245 Datasheet
714Kb / 24P
   DC-UPS, DUAL OUTPUT
More results

Similar Description - UB10.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
   DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
   DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
   DC-UPS
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
   control unit
logo
PULS GmbH
UC10.241 PULS-UC10.241 Datasheet
669Kb / 27P
   CAPACITOR-BASED DC-UPS
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
   40A DC UPS Module
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
   Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
   Interrupt Control Unit
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
   VIIC CONTROL UNIT
logo
Pepperl+Fuchs Inc.
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com