Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR10.100 Datasheet(PDF) 1 Page - PULS GmbH

Part # SLR10.100
Description  Redundancy in square
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLR10.100 Datasheet(HTML) 1 Page - PULS GmbH

  SLR10.100 Datasheet HTML 1Page - PULS GmbH SLR10.100 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
slr10e100 / 031217
1/ 2
The
Redundant
Variant
Redundancy in square
SLR10.100
• Input: AC 230V/115V, DC 240-375 V
• Output: 24 V/10 A
• High overload current, no switch-off
• N+1 redundancy, RDY relay contact
• Robust mechanics and EMC
CUL/CSA-C22.2
EMC and
Low Volt.
UL60950 E137006
UL508 LISTED
IND. CONT. EQ.
No 950-M90
18 WM, 60°C
Directive
CB
scheme
IEC60950
Input
Efficiency, Reliability etc.*
Start / Overload Behaviour
Output
*
For further information see data sheets „The SilverLine“, „SilverLine Family
Branches“ and mechanics data sheet
Input voltage
AC100-120/220-240 V (switchable), 47-63 Hz
(85-132 VAC / 176-264 VAC, 240-375 VDC)
Note: At DC input, always leave the switch in the 230V position.
Input current
< 6 A (switch in 115V position)
< 2.8 A (switch in 230V position)
DCin at open output
8 mA (preserves battery sources)
Inrush current
typ. < 30 A at 264 V AC and cold start
Unit is internally fused (fuse not accessible). External fuse not necessary,
but recommended (common 10A, B-type 'circuit-breaker' switch used
anyway to fuse the input lines).
Transient
handling
Transient resistance acc. to VDE 0160 / W2
(750 V / 1.3 ms), for all load conditions.
Hold-up time
> 25 ms at 196 VAC, 24 V / 10 A
(see diagram overleaf)
Efficiency
typ. 89 %
(230 VAC, 24 V / 10 A)
Losses
typ. 26.7 W (230 VAC, 24 V / 10 A)
MTBF
390.000 h acc. to Siemensnorm SN 29500
(24 V/10 A, 230 VAC, Tamb = +40 °C)
Life cycle (electrolytics) The unit exclusively uses longlife electrolytics
specified for +105°C (cf. ’The SilverLine’, p.2).
Start-up delay
typ. 0.1 s
Rise time
ca. 5-20 ms, depending on load
Overload Behaviour
• Special PULS Over-
load Design (see
diagram overleaf)
• 20% power boost
– no disconnection, no hiccup if overloaded
– high overload current (up to 1.6 INom), Vout
is gradually reduced with increasing current.
– 12A short-term, at 45°C or forced cooling
even continuous
Advantages:
• High short-circuit current, giving large ’start-up window’: unit starts
reliably even with awkward loads (DC-DC converters, motors).
• No ’sticking’ such as can occur with fold-back characteristics
• Secondary fuses operate reliably
Rated output voltage
24 V DC
For balanced current sharing during parallel operation:
Soft characteristic (25.2 V DC ±2% at no-load, 24 V DC ±0.5% at nominal
load, almost linear characteristic curve)
Output noise
suppression
Radiated EMI values below EN50081-1, even
when using long, unscreened output cables.
Ambient temperature
range Tamb
Operation: 0°C...+70°C (>60°C: Derating)
Storage: -25°C...+85°C
Rated continuous loading with convection cooling
•Tamb=0°C - 60°C
•Tamb=0°C - 45°C
24 V / 10 A
12 A
short-term also at 60 °C
Output is protected against short circuit, open circuit and overload
Derating
typ. 12 W/K
(at Tamb=+60°C...+70°C)
Voltage regulation
better than 2% Vout overall
Ripple / Noise
< 30 mVPP, (20 MHz bandw., 50 Ω measurem.)
Overvolt. protection
typ. 35 V
Parallel operation
yes, current sharing via soft characteristic
(see diagram)
Front panel indicator
Green LED
RDY relay contact
•Type
•closes
• opens
• Electrical isolation
• Contact rating
normally open contact
when output voltage > 22.1V ±4%
when output voltage < 19.8V ±4%
500V DC to output voltage
1A at 28V DC
Order information
Order number
Description
SLR10.100
SL10.100
SLS10.100
SLZ01
N+1 redundancy*
Basic version without redundancy*
Safety Cover*
Screw mounting set, two needed per unit


Similar Part No. - SLR10.100

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SLR1050A COILCRAFT-SLR1050A Datasheet
210Kb / 3P
   Shielded Power Inductors
SLR1050A-101KE_ COILCRAFT-SLR1050A-101KE_ Datasheet
210Kb / 3P
   Shielded Power Inductors
SLR1050A-121KE_ COILCRAFT-SLR1050A-121KE_ Datasheet
210Kb / 3P
   Shielded Power Inductors
SLR1050A-151KE_ COILCRAFT-SLR1050A-151KE_ Datasheet
210Kb / 3P
   Shielded Power Inductors
SLR1050A-221KE_ COILCRAFT-SLR1050A-221KE_ Datasheet
210Kb / 3P
   Shielded Power Inductors
More results

Similar Description - SLR10.100

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
SLR5.100 PULS-SLR5.100 Datasheet
332Kb / 2P
   Redundancy
logo
Emcore Corporation
10209A EMCORE-10209A Datasheet
349Kb / 3P
   Redundancy Switch
logo
PULS GmbH
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
logo
Pepperl+Fuchs Inc.
LB9022BP22320.0.E PF-LB9022BP22320.0.E Datasheet
195Kb / 2P
   Redundancy Base Backplane
2021-12-01
logo
Shindengen Electric Mfg...
S4VB60 SHINDENGEN-S4VB60_17 Datasheet
392Kb / 4P
   Square In-line Package
S25VB60 SHINDENGEN-S25VB60_17 Datasheet
396Kb / 4P
   Square In-line Package
S2VB60 SHINDENGEN-S2VB60_17 Datasheet
364Kb / 4P
   Square In-line Package
S10VB60 SHINDENGEN-S10VB60_17 Datasheet
412Kb / 4P
   Square In-line Package
D30VC60 SHINDENGEN-D30VC60 Datasheet
399Kb / 4P
   Square In-line Package
logo
PULS GmbH
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com