Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSS Datasheet(PDF) 6 Page - Tyco Electronics

Part # TSS
Description  Slide Switches, Vertical, Single or Dual Actuator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TSS Datasheet(HTML) 6 Page - Tyco Electronics

  TSS Datasheet HTML 1Page - Tyco Electronics TSS Datasheet HTML 2Page - Tyco Electronics TSS Datasheet HTML 3Page - Tyco Electronics TSS Datasheet HTML 4Page - Tyco Electronics TSS Datasheet HTML 5Page - Tyco Electronics TSS Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
.067
(1.70)
.059
(1.50)
TYP.
DIA.
.169
(4.30)
.567
(14.4)
.370
(9.40)
.276
(7.00)
.118
(3.00)
.024
(0.60)
TYP.
.016
(0.41)
TYP.
.146
(3.70)
.394
(10.0)
(0.50)
TYP.
.039
(1.00)
TYP.
.394
(10.0)
.528
(13.4)
.035
(0.89)
TYP.
.079
(2.00)
TYP.
.346
(8.80)
11
11
22
2
2
MSS Series
B23
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
Slide Switches, Instrumentation Grade
SEE PAGE B20 FOR PRODUCT SPECIFICATIONS
1
1
1
2
2
3
33
3
2
2
.059
(1.50)
TYP. DIA.
NO. 53 DRILL
.035
(.089)
TYP. DIA.
NO.65 DRILL
.827
(21.0)
.276
(7.01)
.157
(4.00)
TYP.
.157
(4.00)
.339
(8.61)
.079
(2.01)
TYP.
.091
(2.30)
.059
(1.50)
.142
(3.60)
.016
(0.41)
.024
(0.61)
.157
(4.00)
THREADED
HOLE
4-40 TYP.
.886
(22.0)
.433
(11.0)
.177
(4.50)
.630
(16.0)
.362
(9.20)
.098
(2.50)
.020
(0.50)
TYP.
.039
(1.00)
TYP.
.354
(9.00)
.473
(12.0)
4P3T
11
1
1
2
2
3
33
3
2
2
.059
(1.50)
TYP. DIA.
NO. 53 DRILL
THREADED
HOLE
4-40 TYP.
.886
(22.0)
.327
(8.30)
.276
(7.00)
.217
(5.52)
.157
(4.00)
.016
(0.41)
.020
(0.50)
TYP.
.453
(11.5)
.303
(7.70)
.020
(0.50)
.079
(2.01)
TYP.
.670
(17.0)
.039
(1.00)
.035
(.089)
TYP. DIA.
NO.65 DRILL
.827
(21.0)
.157
(4.00)
.059
(1.50)
.118
(3.00)
.157
(4.00)
.093
(2.35)
.079
(2.01)
TYP.
4P3T
Tyco Electronics Alcoswitch
Plating
7-1437576-2
MSS4200R
Silver
7-1437576-3
MSS4200RG
Gold
MSS4200R
4PDT
MSS4300
MSS4335
Tyco Electronics Alcoswitch
Plating
7-1437576-5
MSS4300
Silver
7-1437576-6
MSS4300G
Gold
Tyco Electronics Alcoswitch
Plating
7-1437576-9
MSS4335
Silver


Similar Part No. - TSS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
   Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
logo
Samtec, Inc
TSS SAMTEC-TSS Datasheet
532Kb / 2P
   SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
RCD COMPONENTS INC.
TSS-104-M RCD-TSS-104-M Datasheet
57Kb / 1P
   TANTALUM CHIP TANGOLDTM CAPACITORS
logo
Mini-Circuits
TSS-13HLN MINI-TSS-13HLN Datasheet
318Kb / 5P
   Monolithic Amplifier
TSS-13HLN++ MINI-TSS-13HLN+ Datasheet
318Kb / 5P
   Monolithic Amplifier
More results

Similar Description - TSS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437579-0 MACOM-2-1437579-0 Datasheet
305Kb / 6P
   Slide Switches, Vertical, Single or Dual Actuator
2-1437579-7 MACOM-2-1437579-7 Datasheet
305Kb / 6P
   Slide Switches, Vertical, Single or Dual Actuator
2-1437579-4 MACOM-2-1437579-4 Datasheet
305Kb / 6P
   Slide Switches, Vertical, Single or Dual Actuator
2-1437579-5 MACOM-2-1437579-5 Datasheet
305Kb / 6P
   Slide Switches, Vertical, Single or Dual Actuator
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com