Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5415006-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 5415006-2
Description  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5415006-2 Datasheet(HTML) 3 Page - Tyco Electronics

  5415006-2 Datasheet HTML 1Page - Tyco Electronics 5415006-2 Datasheet HTML 2Page - Tyco Electronics 5415006-2 Datasheet HTML 3Page - Tyco Electronics 5415006-2 Datasheet HTML 4Page - Tyco Electronics 5415006-2 Datasheet HTML 5Page - Tyco Electronics 5415006-2 Datasheet HTML 6Page - Tyco Electronics 5415006-2 Datasheet HTML 7Page - Tyco Electronics 5415006-2 Datasheet HTML 8Page - Tyco Electronics 5415006-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
178
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors, 50 Ohm
Straight Plugs
Right-Angle Plugs
6.35
[.250]
Dia.
6.35
[.250]
Max.
21.10
[.830]
Max.
13.21
[.520]
Max.
13.71
[.540]
Max.
6.35
[.250]
Dia.
13.71
[.540]
Max.
13.21
[.520]
Max.
Die Cast
MIL Type
RG/U
Center
Outer
Other
Part
Cable
Contact
Contact
Metal Parts
Dielectric
Style
No.
Plating
Plating
Plating
178, 178A, 178B,
196, 196A
Gold
Gold
Nickel
TEFLON
MIL Type
413985-6
Gold
Gold
Gold
TEFLON
MIL Type
413985-1
Gold
Gold
Nickel
TEFLON
MIL Type
413985-3
174, 316,
Gold
Nickel
Nickel
TEFLON
MIL Type
413985-7
188, 188A
Gold
Gold
Nickel
TEFLON
Die Cast
414946-1
Gold
Nickel
Nickel
TEFLON
Die Cast
5414946-2
179, 179A, 179B,
Gold
Gold
Nickel
TEFLON
MIL Type
1-413985-1
161, 187, 187A,
Gold
Gold
Nickel
TEFLON
Die Cast
5414946-5
BELDEN 9221
Gold
Nickel
Nickel
TEFLON
Die Cast
5414946-6
Gold
Gold
Gold
TEFLON
MIL Type
413985-2
RG 316,
Gold
Gold
Nickel
TEFLON
MIL Type
413985-4
188 Double Braid
Gold
Gold
Nickel
TEFLON
Die Cast
5414946-3
Gold
Nickel
Nickel
TEFLON
MIL Type
413985-8
RG/U
Center
Outer
Other
Part
Cable
Contact
Contact
Metal Parts
Dielectric
Style
No.
Plating
Plating
Plating
Gold
Gold
Gold
TEFLON
MIL Type
414002-7
178, 178A, 178B,
Gold
Gold
Nickel
TEFLON
MIL Type
414002-8
196, 196A
Gold
Gold
Nickel
TEFLON
Die Cast
5414363-8
Gold
Gold
Gold
TEFLON
MIL Type
414002-1
174, 316, 188, 188A
Gold
Gold
Nickel
TEFLON
MIL Type
414002-3
179, 179A, 179B
Gold
Nickel
Nickel
TEFLON
MIL Type
414002-5
161, 187, 187A
Gold
Gold
Nickel
TEFLON
Die Cast
5414363-3
BELDEN 9221
Gold
Nickel
Nickel
TEFLON
Die Cast
5414363-5
Gold
Gold
Gold
TEFLON
MIL Type
414002-2
RG 316,
Gold
Gold
Nickel
TEFLON
MIL Type
414002-4
188 Double Braid
Gold
Gold
Nickel
TEFLON
Die Cast
5414363-4
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
BELDEN is a trademark of Belden Wire
and Cable Company.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Similar Part No. - 5415006-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54150 NSC-54150 Datasheet
182Kb / 10P
   Data Selectors/Multiplexers
logo
List of Unclassifed Man...
54150 ETC2-54150 Datasheet
235Kb / 1P
   Connectors for Copper Conductor
logo
Molex Electronics Ltd.
54150-0878 MOLEX-54150-0878 Datasheet
40Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Tyco Electronics
5415025-1 MACOM-5415025-1 Datasheet
87Kb / 1P
   JACK, RIGHT ANGLE, 50 OHM, PCB, BNC
logo
TE Connectivity Ltd
5415025-1 TEC-5415025-1 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 5415006-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com