Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1571092-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1571092-4
Description  Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1571092-4 Datasheet(HTML) 2 Page - Tyco Electronics

  1571092-4 Datasheet HTML 1Page - Tyco Electronics 1571092-4 Datasheet HTML 2Page - Tyco Electronics 1571092-4 Datasheet HTML 3Page - Tyco Electronics 1571092-4 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power Rocker Switches Series PRA
F22
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
F
.51 [13.0] x .76 [19.2] Panel Cutout
Alcoswitch Part Number
PR
A
X
XX
XX
X
XX
X
Switch Functions
A1 ON-OFF; opaque, single-color rocker button
A2 ON-OFF; opaque, dual-color rocker button
A3 (ON)-OFF; opaque, single-color rocker button
B1 ON-OFF; transparent, lamp-illuminated rocker button
(100-125 V lamp voltage)
B2 ON-OFF; opaque, with lamp window, lamp-illuminated rocker
button (100-125 V lamp voltage)
B3 ON-OFF; transparent, lamp-illuminated rocker
button (200-250 V lamp voltage)
B4 ON-OFF; opaque, with lamp window, lamp-illuminated rocker
button (200-250 V lamp voltage)
C1 ON-OFF; opaque, with LED window, LED-illuminated rocker
button
D1 ON-ON; opaque, single-color rocker button
D2 ON-(ON); opaque, single-color rocker button
D3 ON-OFF-ON; opaque, single-color rocker button
D4 ON-OFF-(ON); opaque, single-color rocker button
G
Green
R
Red
W
White
Number of Poles
S
Single Pole
D
Double Pole
Panel Cut-out Size
A
.51 [13.0] x .76 [19.2]
Switch Type
PR Power Rockers
Secondary Rocker Color, Window Color, or LED Color
0 Not Applicable
A Amber
B Black
Frame Color
B
Black
W White
Rocker Color
A
Amber
B
Black
C
Clear
Terminal Type
F
FASTON Tab
L
Solder Lug
Power Rating
07
7A @ 125 VAC; 6A @ 250 VAC (Double-pole only)
16
16A, 1/3 Hp @ 125 VAC (Single-pole only)
10A, 1/2 Hp @ 250 VAC
10A 125V~ 6 (3)A 250V~
µ 25T85
C Clear
G Green
R Red
W White
X
Legend Text Pattern
0 Not Applicable
A Dot
B o --
C o |
D -- =
E | ||
F -- o =
G | o ||
H ON OFF
J o--
X
Legend Text Color
0 Not Applicable
B Black
G Green
R Red
W White
0.031
[0.80]
0.59
[15.0]
.59
±.012
[15.0
±0.3]
.13
±.012
[3.3
±0.3]
.31 Typ.
[7.75]
.078
±.012
[2.0
±0.30]
.187
±.004
[4.75
±0.10]
.19
±.012
[4.8
±0.3]
Rocker
Button
FASTON
Tab
Terminal
Switch
Frame
.34
[8.7]
.83
[21.0]
.71[18.0]
.504
±.004
[12.8
±0.10]
Single-Pole, Lamp Illuminated or Non-Illuminated
Double-Pole, Non-Illuminated
Tyco
Alcoswitch
Electronics
1571076-9
PRASA1-16F-BB000
1-1571076-0
PRASA1-16F-BB0BW
1-1571076-1
PRASA1-16F-BB0CW
1-1571076-2
PRASA1-16L-BB000
1-1571076-3
PRASA1-16L-BB0BW
1-1571076-4
PRASA1-16L-BB0CW
1-1571076-5
PRASA1-16F-BR000
1-1571076-6
PRASA1-16L-BR000
1-1571076-7
PRASA2-16F-BBRBR
2-1571076-0
PRASA1-16F-BB0HW
2-1571076-1
PRASA3-16F-BB0JW
1571078-2
PRASB1-16F-BR000
1571078-4
PRASB2-16F-BBR00
1571079-4
PRASD1-16F-BB000
1571079-5
PRASD1-16F-BB0DW
1571079-6
PRASD1-16F-BB0EW
Tyco
Alcoswitch
Electronics
1571079-7
PRASD3-16F-BB000
1571079-8
PRASD3-16F-BB0FW
1571079-9
PRASD3-16F-BB0GW
1-1571079-0
PRASD2-16F-BB000
1-1571079-1
PRASD2-16F-BB0DW
1-1571079-2
PRASD2-16F-BB0EW
1-1571079-3
PRASD4-16F-BB000
1-1571079-4
PRASD4-16F-BB0FW
1-1571079-5
PRASD4-16F-BB0GW
1571083-2
PRASC1-16F-BBR00
1571084-1
PRADA1-07F-BB000
1571084-2
PRADA1-07F-BB0BW
1571084-3
PRADA1-07F-BB0CW
1571084-4
PRADA1-07F-BR000
Tyco
Alcoswitch
Electronics
1571084-5
PRADA1-07F-BR0BW
1571086-1
PRADD1-07F-BB000
1571086-2
PRADD1-07F-BB0DW
1571086-3
PRADD1-07F-BB0EW
1571086-4
PRADD3-07F-BB000
1571086-5
PRADD3-07F-BB0FW
1571086-6
PRADD3-07F-BB0GW
1571086-7
PRADD2-07F-BB000
1571086-8
PRADD2-07F-BB0DW
1571086-9
PRADD2-07F-BB0EW
1-1571086-0
PRADD4-07F-BB000
1-1571086-1
PRADD4-07F-BB0FW
1-1571086-2
PRADD4-07F-BB0GW
Product Facts
n Easy to install snap-in
mounting
n Dust resistant
n Dual color rocker option
n Full-illuminated rocker
option
n LED or neon window
illuminated option
n Wide range of marking
options and functions
available
n Solder lugs or .187 FASTON
Tab terminals
n Cost competitive
Part No.
.83
[21.0]
Rocker
Button
Faston Tab
Terminal
Switch
Frame
.73
[18.5]
.28
[7.1]
.59
[15.0]
.54
[13.8]
.03±.004
[0.8±0.1]
.512±.008
[13.00±0.20]
.079±.008
[2.00±0.20]
.187±.004
[4.75±0.10]
.15±.02
[3.8±0.5]
.82±.039
[20.9±1.0]
Non-Illuminated Version Shown
PVC Waterproof Cover: 1571786-1
* Refer to Pages F21 for
Product Specifications


Similar Part No. - 1571092-4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
157109 FESTO-157109 Datasheet
112Kb / 1P
   Compact air cylinder
More results

Similar Description - 1571092-4

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
C121J12S205QA ITT-C121J12S205QA Datasheet
200Kb / 3P
   Power Rocker Switches
CA01J12207Q ITT-CA01J12207Q Datasheet
253Kb / 4P
   Power Rocker Switches
DF52J12S215QA ITT-DF52J12S215QA Datasheet
273Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com