Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G-MRCO-011 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # G-MRCO-011
Description  Linear Magnetic Field Sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

G-MRCO-011 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  G-MRCO-011 Datasheet HTML 1Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 2Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 3Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 4Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 5Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 6Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 7Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 8Page - TE Connectivity Ltd G-MRCO-011 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KMY_KMZ
Linear Magnetic Field Sensors
SENSOR SOLUTIONS ///KMY_KMZ Rev 4
1/2016
Page 5
The output voltage of the MR half bridge is measured
against a reference half bridge
Condition B: Sensor Specifications (T=25 °C, S-Type: Hx=3.0
0.5 kA/m)
Output voltage range
VO/Vcc
mV/V
m in
,
m ax
,
;
/
7
...
7
O
O
O
y
V
V
V
m
kA
H
Offset voltage
Voff/Vcc
mV/V
 
y
O
off
y
H
V
V
H
;
0
Sensitivity
S
(mV/V)/(kA/m)
   
cc
y
y
y
V
H
V
H
V
S
m
kA
H
2
:
;
/
1
0
0
Hysteresis
VH/Vcc
µV/V
Hy in kA/m
cc
y
y
y
y
V
H
H
V
H
H
V
/
))
1
1
;
0
(
)
1
1
;
0
(
(
0
0
Condition C: Sensor Specifications (reference temperatures T=-25°C, +125°C)
Ambient temperatures
T
°C
T1=-25 °C, T0=+25 °C, T2=+125 °C
TC of amplitude
TCSV
%/K
%
100
)
(
/
)
(
/
)
(
/
)
(
1
1
0
1
0
2
0
1
2

T
V
V
T
V
V
T
V
V
T
T
TCV
cc
cc
cc
TC of resistance
TCBR
%/K
%
100
)
(
)
(
)
(
)
(
1
1
1
2
1
2
T
R
T
R
T
R
T
T
TCR
TC of offset
TCVoff
(µV/V)/K
)
(
)
(
)
(
1
2
1
2
T
T
T
Voff
T
Voff
TCVoff


Similar Part No. - G-MRCO-011

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
G-MRCO-015 TEC-G-MRCO-015 Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
G-MRCO-016 TEC-G-MRCO-016 Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
G-MRCO-017 TEC-G-MRCO-017 Datasheet
287Kb / 6P
   AMR Switching-Sensor
More results

Similar Description - G-MRCO-011

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZMZ20M DIODES-ZMZ20M Datasheet
62Kb / 4P
   MAGNETIC FIELD SENSORS
ZMZ20 DIODES-ZMZ20 Datasheet
132Kb / 6P
   MAGNETIC FIELD SENSORS
logo
Zetex Semiconductors
ZMZ20 ZETEX-ZMZ20 Datasheet
124Kb / 6P
   MAGNETIC FIELD SENSORS
ZMZ20M ZETEX-ZMZ20M Datasheet
54Kb / 4P
   MAGNETIC FIELD SENSORS
ZMY20 ZETEX-ZMY20 Datasheet
3Mb / 7P
   Magnetic Field Sensors
logo
Analog Devices
AD22151 AD-AD22151 Datasheet
118Kb / 8P
   Linear Output Magnetic Field Sensor
REV. 0
AD22151YRZ AD-AD22151YRZ Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
AD22151 AD-AD22151_15 Datasheet
270Kb / 8P
   Linear Output Magnetic Field Sensor
REV. A
logo
List of Unclassifed Man...
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
   Magnetic Field Sensors Angle Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com