Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD481515D-3W Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPD481515D-3W
Description  3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPD481515D-3W Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPD481515D-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPD481515D-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPD481515D-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPD-3W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
24 PIN DIP
Pin
Function
2,3
GND
9
0V2
10,15
NC
11
+V02
14
+V01
16
0V1
22,23
Vin
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
APPLICATION NOTES
TEMPERATURE DERATING GRAPHS
1.No parallel connection or plug and play
2.The load shouldn't be less than 10%, otherwise ripple will increase
dramatically.
3.Operation under 10% load will not damage the converter; However, they may
not meet all specification listed.
4.All specifications measured at Ta=25°C, humidity<75%, nominal input voltage
and rated output load unless otherwise specified.
Unit:mm
Tolerance:±0.25mm
Tube length: 530mm±2mm
Tube quantity: 15PCS
Tube length: 220mm±2mm
Tube quantity: 6PCS
0.60
11.30
11.60
18.20
22.70
Units:mm
Tolerance:±0.25mm
Units:mm
Tolerance:±0.25mm
Weight: 15g
All pins on a 2.54mm pitch.
14
15
16
22
23
11
10
9
3
2
(侧视图)
31.80
20.30
20.00
15.24
22.86
2.54
4.10
0.50
9.50 10.00
(底视图)
bottom view
side view
DIP Package
TOPPOWER


Similar Part No. - TPD481515D-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPD481515SW-1W TOPPOWER-TPD481515SW-1W Datasheet
781Kb / 3P
   1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
More results

Similar Description - TPD481515D-3W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YDV-3W MICRODC-WRA-YDV-3W Datasheet
748Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3S8W-4.3RP GAPTEC-3S8W-4.3RP Datasheet
1Mb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
   3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
CWRF1215S-3W MORNSUN-CWRF1215S-3W Datasheet
994Kb / 4P
   3W,wide input isolated & regulated DC-DC converter
logo
GAPTEC Electronic GmbH ...
3S6W4 GAPTEC-3S6W4 Datasheet
859Kb / 4P
   3W - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-ZHD-3W MICRODC-WRA-ZHD-3W Datasheet
988Kb / 3P
   3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
   3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
MORNSUN Science& Techno...
VRB1205YMD-10WR3 MORNSUN-VRB1205YMD-10WR3 Datasheet
1Mb / 6P
   10W,wide input isolated & regulated single output, DIP packaging, DC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com