Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA1515D Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPA1515D
Description  1W 3KVDC Isolated Single and Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPA1515D Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPA1515D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPA1515D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPA1515D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPA 3.3V, 5V, 12V&15V Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
All dimensions in mm±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 2.4g (DIP) 2.1g (SIP)
*Pin not fitted on single output variants
REMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300ºC for 10 seconds. Both SIP and DIP types in this series are backward
compatible with Sn/Pb soldering systems.
MECHANICAL DIMENSIONS
PIN CONNECTIONS
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
OV
9
+Vout
11*
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
OV
6
+Vout
2.54
1.15
1.00 5
HOLES
14 Pin DIP Package
7 Pin SIP Package
14Pin DIP Tube
7Pin SIP Tube
9.30
5.00
12.00
5.05
0.65
SIP Package
Tube length (14 Pin DIP) : 520mm±2mm.
Tube Quantity : 25PCS
2.54
6
1.00
1.15
HOLES
2.54
0.55
0.45
10.00
6.00
7.62
1.09
6.80
9.80
1.54
2.52
0.30
0.20
12.70
1.25
4.60
3.60
YYWW
TPA1205S
19.50
0.55
0.45
TPA1205D
YYWW
19.50
4.60
3.60
2.54
0.55
0.45
1
7
8
9
11
14
1 2
45
6
0.30
0.20
2.13
15.24
*
bottom view
bottom view
TOPPOWER
TOPPOWER
DIP Package
TOPPOWER


Similar Part No. - TPA1515D

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA1515D TOPPOWER-TPA1515D Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1515D TOPPOWER-TPA1515D Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1515D-W25 TOPPOWER-TPA1515D-W25 Datasheet
715Kb / 3P
   0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1515DA TOPPOWER-TPA1515DA Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA1515DA TOPPOWER-TPA1515DA Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPA1515D

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA-1W TOPPOWER-TPA-1W Datasheet
409Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT_19 Datasheet
769Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V01 Datasheet
788Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA24V TOPPOWER-TPA24V_19 Datasheet
709Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V02 Datasheet
863Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPATXXX TOPPOWER-TPATXXX Datasheet
262Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com