Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPG2424S-3W Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPG2424S-3W
Description  3W 3KVDC Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPG2424S-3W Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPG2424S-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPG2424S-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPG2424S-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPG-3W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
All dimensions in mm ±0.25mm . All pins on a 2.54mm pitch and within ±0.25mm
of true position.
Weight: 2.8g
MECHANICAL DIMENSIONS
PIN CONNECTIONS
SIP Package
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
6
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. This series are backward compatible with
Sn/Pb soldering systems.
Unless otherwise stated all dimensions in mm ±0.5mm.
9.30
5.00
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length : 520mm ±2mm.
Tube Quantity : 25PCS
12.70
2.54
YYWW
TPG0505S-3W
19.50
0.55
0.45
1 24
6
2.00
7.50
10.00
4.60
3.60
0.55
0.45
0.30
0.20
1.25
bottom view
TOPPOWER
4 HOLES
1.00
1.15
2.54
TOPPOWER


Similar Part No. - TPG2424S-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPG2424S TOPPOWER-TPG2424S Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG2424S TOPPOWER-TPG2424S Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG2424S TOPPOWER-TPG2424S Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPG2424S-3W

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPK-3WS TOPPOWER-TPK-3WS Datasheet
402Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
   Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_MEV MURATA-KDC_MEV Datasheet
140Kb / 4P
   3kVDC Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com