Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805W392JDRALTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C0805W392JDRALTU
Description  ArcShield Technology, High Voltage, X7R Dielectric, 500 - 1,000 VDC (Commercial & Automotive Grade)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805W392JDRALTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C0805W392JDRALTU Datasheet HTML 3Page - Kemet Corporation C0805W392JDRALTU Datasheet HTML 4Page - Kemet Corporation C0805W392JDRALTU Datasheet HTML 5Page - Kemet Corporation C0805W392JDRALTU Datasheet HTML 6Page - Kemet Corporation C0805W392JDRALTU Datasheet HTML 7Page - Kemet Corporation C0805W392JDRALTU Datasheet HTML 8Page - Kemet Corporation C0805W392JDRALTU Datasheet HTML 9Page - Kemet Corporation C0805W392JDRALTU Datasheet HTML 10Page - Kemet Corporation C0805W392JDRALTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1034_X7R_HV_ARC_SMD • 11/29/2016
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
ArcShield Technology, High Voltage, X7R Dielectric, 500 – 1,000 VDC (Commercial & Automotive Grade)
Table 1 – Capacitance Range/Selection Waterfall (0603 – 1812 Case Sizes)
Cap Cap
Code
Case Size/
Series C0603W/V C0805W/V C1206W/V C1210W/V C1808W/V C1812W/V C1825W/V C2220W/V C2225W/V
Voltage Code
C
B
D
C
B
D
C
B
D
C
B
D
C
B
D
C
B
D
C
B
C
B
C
B
Rated Voltage
(VDC)
500 630 1000 500 630 1000 500 630 1000 500 630 1000 500 630 1000 500 630 1000 500
630
500
630
500
630
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1,000 pF
102
J
K
M
CG CG CG
1,200 pF
122
J
K
M
CG CG
1,500 pF
152
J
K
M
CG CG
1,800 pF
182
J
K
M
CG
2,200 pF
222
J
K
M
CG
DG DG DG
2,700 pF
272
J
K
M
CG
DG DG DG
3,300 pF
332
J
K
M
CG
DG DG DG
3,900 pF
392
J
K
M
CG
DG DG DG
4,700 pF
472
J
K
M
DG DG DG
5,600 pF
562
J
K
M
DG DG
6,800 pF
682
J
K
M
DG DG
8,200 pF
822
J
K
M
DG DG
10,000 pF 103
J
K
M
DG DG
12,000 pF 123
J
K
M
DG DG
EJ EJ EJ
15,000 pF 153
J
K
M
DG
EJ EJ EJ
18,000 pF 183
J
K
M
DG
EJ EJ EJ
LE LE LE
22,000 pF 223
J
K
M
DG
EJ EJ EJ FZ FZ FZ LE LE LE
27,000 pF 273
J
K
M
EJ EJ
FZ FZ FZ LA LA LA GB GB GB
33,000 pF 333
J
K
M
EJ EJ
FZ FZ FU LA LA LA GB GB GB
39,000 pF 393
J
K
M
EJ
FZ FZ FU LA LA LA GB GB GB
47,000 pF 473
J
K
M
EJ
FZ FU FK LA LA LB GB GB GC
56,000 pF 563
J
K
M
EJ
FZ FU FK LA LA LB GB GB GE
62,000 pF 623
J
K
M
EJ
FZ FK FS LA LA LC GB GB GE
68,000 pF 683
J
K
M
EJ
FZ FK FS LA LA LC GE GE GE
82,000 pF 823
J
K
M
FU FK
LA LC
GB GE GK
0.10 µF
104
J
K
M
FK FS
LA LC
GB GH GJ
0.12 µF
124
J
K
M
FK
LA
GE GK
HE
HE
0.15 µF
154
J
K
M
FK
LB
GE GN
HE
HE
JE
JE
0.18 µF
184
J
K
M
GF
HE
HG
JE
JE
KF
KE
0.22 µF
224
J
K
M
GJ
HE
HJ
JK
JK
KE
KF
0.27 µF
274
J
K
M
GL
HJ
HJ
JK
JL
KF
KH
0.33 µF
334
J
K
M
GS
HJ
JL
JN
KF
KH
0.39 µF
394
J
K
M
HK
JN
KH
KJ
0.47 µF
474
J
K
M
JN
KH
KJ
0.56 µF
564
J
K
M
KJ
Cap
Cap
Code
Rated Voltage
(VDC)
500 630 1000 500 630 1000 500 630 1000 500 630 1000 500 630 1000 500 630 1000 500
630
500
630
500
630
Voltage Code
C
B
D
C
B
D
C
B
D
C
B
D
C
B
D
C
B
D
C
B
C
B
C
B
Case Size/
Series
C0603W/V
C0805W/V
C1206W/V
C1210W/V
C1808W/V
C1812W/V
C1825W/V
C2220W/V
C2225W/V
These products are protected under US Patents 8,885,319 B2 and 9,490,072 B2, other patents pending, and any foreign counterparts.
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage
capability within the same form factor (configuration and dimensions).


Similar Part No. - C0805W392JDRALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805W332KDRACTU KEMET-C0805W332KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Arcshield, High Voltage, 3300 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
More results

Similar Description - C0805W392JDRALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812V104KDRACTU KEMET-C1812V104KDRACTU Datasheet
3Mb / 22P
   ArcShield Technology, High Voltage, X7R Dielectric,500 1,000 VDC (Commercial & Automotive Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com