Electronic Components Datasheet Search |
|
POL06-05T Datasheet(PDF) 3 Page - Wall Industries,Inc. |
|
POL06-05T Datasheet(HTML) 3 Page - Wall Industries,Inc. |
3 / 5 page Rev B POL06-05T SERIES 6A Output Current Rating DC/DC Open Frame Converter Single Output 1/27/2017 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 3 of 5 SPECIFICATIONS All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Typ Max Unit GENERAL SPECIFICATIONS Efficiency Vin(nom) 3.3VDC@Full Load 94 % Switching Frequency 270 300 330 KHz PHYSICAL SPECIFICATIONS Weight 0.1oz (2.8g) Dimensions (L x W x H) SMD Package 0.80in x 0.45in x 0.21in (20.3mm x 11.4mm x 5.4mm) SIP Vertical Package 0.90in x 0.40in x 0.20in (22.9mm x 10.2mm x 5.0mm) SIP Horizontal Package 0.90in x 0.40in x 0.36in (22.9mm x 10.2mm x 9.1mm) SAFETY & EMC CHARACTERISTICS Safety Approvals UL60950-1 EN60950-1 IEC60950-1 NOTES (1) It’s necessary to equip the external input capacitors at the input of the module. The capacitors should connect as close as possible to the input terminals to ensure module stability. The external Cin is 2pcs of 150µF low-ESR polymer capacitors // 2pcs of 47µF ceramic capacitors at least. (2) Output voltage programmable from 0.75V to 3.3V by connecting a single resistor (shown as Trim Table) between the Trim and GND pins of the module. To calculate the value of the resistor Rtrim for a particular output voltage Vout, use the following equation: (3) Test by minimum input and constant resistive load. (4) With a 1µF MLCC & a 10µF T/C (5) With 2pcs of 150µF polymer capacitors. (6) Remote ON/OFF referred to –Vin pin Positive Logic: ON/OFF is open collector/drain logic input Negative Logic: ON/OFF pin is open collector/drain logic input with external pull-up resistor (7) Case 1: ON/OFF input is set to logic low (module on) and then input power is applied (delay from instant at which Vin=Vin(min) until Vout=10% of Vout(set)) (8) Case 2: Input power is applied for at least one second and then on the ON/OFF input is set to logic low (delay from instant at which Von/off=0.3VDC unit Vout=10% of Vout(set)) CAUTION: This power module is not internally fused. An input line fuse must be always be used. CHARACTERISTIC CURVES POLS06-05T, Vout=3.3V Derating Curve POLS06-05T, Vout=3.3V Efficiency vs. Input Voltage POLS06-05T, Vout=3.3V Efficiency vs. Output Load |
Similar Part No. - POL06-05T |
|
Similar Description - POL06-05T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |