Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POLT06-05T Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # POLT06-05T
Description  POL06-05T SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POLT06-05T Datasheet(HTML) 4 Page - Wall Industries,Inc.

  POLT06-05T Datasheet HTML 1Page - Wall Industries,Inc. POLT06-05T Datasheet HTML 2Page - Wall Industries,Inc. POLT06-05T Datasheet HTML 3Page - Wall Industries,Inc. POLT06-05T Datasheet HTML 4Page - Wall Industries,Inc. POLT06-05T Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev B
POL06-05T SERIES
6A Output Current Rating
DC/DC Open Frame Converter
Single Output
1/27/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
SMD Package
PIN Connection
PIN
DEFINE
1
Ctrl
2
+Vout
3
Trim
4
GND
5
+Vin
SIP Vertical Package
PIN Connection
PIN
DEFINE
1
+Vout
2
Trim
3
GND
4
+Vin
5
Ctrl
SIP Horizontal Package
PIN
DEFINE
1
+Vout
2
Trim
3
GND
4
+Vin
5
Ctrl
1.
All dimensions in inch (mm)
2.
Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3.
Pin pitch tolerance ±0.01 (0.25)
4.
Pin dimension tolerance ±0.004(0.1)


Similar Part No. - POLT06-05T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POLT06-05T WALL-POLT06-05T Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
POLT06-05T-P WALL-POLT06-05T-P Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
POLT06-05TA WALL-POLT06-05TA Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
More results

Similar Description - POLT06-05T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POL10-05T WALL-POL10-05T Datasheet
320Kb / 5P
   POL10-05T SERIES
POL06-12T WALL-POL06-12T Datasheet
426Kb / 5P
   POL06-12T SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com