Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGN3140LUA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # UGN3140LUA
Description  SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UGN3140LUA Datasheet(HTML) 5 Page - Allegro MicroSystems

  UGN3140LUA Datasheet HTML 1Page - Allegro MicroSystems UGN3140LUA Datasheet HTML 2Page - Allegro MicroSystems UGN3140LUA Datasheet HTML 3Page - Allegro MicroSystems UGN3140LUA Datasheet HTML 4Page - Allegro MicroSystems UGN3140LUA Datasheet HTML 5Page - Allegro MicroSystems UGN3140LUA Datasheet HTML 6Page - Allegro MicroSystems UGN3140LUA Datasheet HTML 7Page - Allegro MicroSystems UGN3140LUA Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3141 THRU 3144
SENSITIVE
HALL-EFFECT SWITCHES
FOR HIGH-TEMP. OPERATION
www.allegromicro.com
Dwg. MA-009-3A in
1
23
0.072
0.064
0.167
0.155
0.059
BSC
0.0189
0.0142
0.047
0.035
0.102
0.090
0.063
0.055
0.0173
0.0138
0.090
0.084
0.0221
0.0173
0.118
BSC
0.181
0.173
Dwg. MA-009-3A mm
1
23
4.60
4.40
1.83
1.62
4.25
3.94
1.50
BSC
0.48
0.36
1.20
0.89
2.60
2.29
1.60
1.40
0.44
0.35
2.29
2.13
0.56
0.44
3.00
BSC
PACKAGE DESIGNATOR ‘LT’
(SOT89/TO-243AA)
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)
NOTES: 1.
Exact body and lead configuration at vendor’s option within limits shown.
2.
Supplied in bulk pack (500 pieces per bag) or add "TR" to part number for tape and reel.
3.
Only low-temperature (
≤240°C) reflow-soldering techniques are recommended for SOT89 devices.
1
B
0.098
0.031
0.102
0.047
0.181
0.079
Dwg. MA-012-3 in
Pads 1, 2, 3, and A — Standard SOT89 Layout
Pads 1, 2, 3, and B — Low-Stress Version
Pads 1, 2, and 3 only — Lowest Stress, But Not Self Aligning
2
0.028
TYP
0.031
TYP
A
3
13
B
2.5
0.8
2.6
1.2
4.6
2.0
Dwg. MA-012-3 mm
Pads 1, 2, 3, and A — Standard SOT89 Layout
Pads 1, 2, 3, and B — Low-Stress Version
Pads 1, 2, and 3 only — Lowest Stress, But Not Self Aligning
2
0.7
TYP
0.8
TYP
A


Similar Part No. - UGN3140LUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UGN3140LL ALLEGRO-UGN3140LL Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
UGN3140LT ALLEGRO-UGN3140LT Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
More results

Similar Description - UGN3140LUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3141 ALLEGRO-A3141 Datasheet
717Kb / 9P
   Sensitive Hall Effect Switches for High-Temperature Operation
3141 ALLEGRO-3141 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
3121 ALLEGRO-3121 Datasheet
151Kb / 8P
   HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901_15 Datasheet
218Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
3185 ALLEGRO-3185 Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901_12 Datasheet
196Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Unisonic Technologies
SK1901 UTC-SK1901_17 Datasheet
222Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
logo
Allegro MicroSystems
A3195X ALLEGRO-A3195X Datasheet
149Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com