Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6400 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-6400
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6400 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-6400 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6400 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6400 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6400 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
21.725
15.00
1.250±0.125 (x4)
1.250±0.125 (x4)
7.125
7.500
24.225
(SOCKET BASE OUTLINE)
5.783
8.323
3.7375 *
1.70±0.10 (x4)
NON-PLATED MOUNTING HOLE
0.850±0.025 (x2)
NON-PLATED ALIGNMENT HOLE
1.00 typ.
15.00
24.225
(SOCKET BASE OUTLIINE)
0.43 PAD (x256)
26.50
R2.388
(WASHER OUTLINE)
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 11/27/13
Material: N/A
Finish: N/A
Weight: 13.33
SG-BGA-6400 Drawing
SCALE: 4:1
SHEET: 2 OF 4
ENG: S. Faiz
FILE: SG-BGA-6400
DRAWN BY: D. Hauer


Similar Part No. - SG-BGA-6400

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6401 IRONWOOD-SG-BGA-6401 Datasheet
323Kb / 5P
   Ball guide prevents over compression of elastomer
SG-BGA-6402 IRONWOOD-SG-BGA-6402 Datasheet
316Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6403 IRONWOOD-SG-BGA-6403 Datasheet
409Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6405 IRONWOOD-SG-BGA-6405 Datasheet
536Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6406 IRONWOOD-SG-BGA-6406 Datasheet
522Kb / 5P
   High speed, reliable Elastomer connection
More results

Similar Description - SG-BGA-6400

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com