Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6408 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-BGA-6408
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6408 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-BGA-6408 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6408 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6408 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6408 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D
E
13.29**
13.35**
7.29**
7.35**
A1 MARK
0.86±0.03*
A1
A
0.2 Z
0.25 Z
Z
b (x784 balls)*
e
Dimensions are in millimeters.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
1.
Dimension b is measured at the maximum solder ball diameter, parallel to datum plane Z.
2.
Datum Z (seating plane) is defined by the spherical crowns of the solder balls.
3.
Parallelism measurement shall exclude any effect of mark on top surface of package.
4.
* FULL ARRAY SHOWN SOCKET WILL WORK WITH DEPOPULATED PACKAGE
** IF DIE NOT PRESENT USE SOCKET WITHOUT IC FRAME SHOWN ON PAGE 4
COMPATIBLE IRONWOOD PACKAGE CODE: BGA784C
Array: 28 x 28
DIM
MIN
MAX
A
-
2.5
A1
0.21
0.31
b
0.35
0.45
D
22.8
23.2
E
22.8
23.2
e
0.8
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible Device
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 07/02/2014
Material: N/A
Finish: N/A
Weight: 25.56
SG-BGA-6408 Drawing
SCALE: 3:1
SHEET: 3 OF 4
ENG: B. Schatz
FILE: SG-BGA-6408 Dwg
DRAWN BY: M. Raske


Similar Part No. - SG-BGA-6408

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6400 IRONWOOD-SG-BGA-6400 Datasheet
341Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6401 IRONWOOD-SG-BGA-6401 Datasheet
323Kb / 5P
   Ball guide prevents over compression of elastomer
SG-BGA-6402 IRONWOOD-SG-BGA-6402 Datasheet
316Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6403 IRONWOOD-SG-BGA-6403 Datasheet
409Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6405 IRONWOOD-SG-BGA-6405 Datasheet
536Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6408

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com