Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78S Datasheet(PDF) 4 Page - Recom International Power

Part # R-78S
Description  Boost Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78S Datasheet(HTML) 4 Page - Recom International Power

  R-78S Datasheet HTML 1Page - Recom International Power R-78S Datasheet HTML 2Page - Recom International Power R-78S Datasheet HTML 3Page - Recom International Power R-78S Datasheet HTML 4Page - Recom International Power R-78S Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
without external components
with external components
EN55022, Class A
EN55022, Class B
Information technology equipment - Immunity characteristics - Limits and methods of measurement
EN55024, 2010
ESD Electrostatic discharge immunity test
Air ±8kV and Contact ± 4kV
IEC61000-4-2, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3 V/m
IEC61000-4-3, Criteria A
Fast Transient and Burst Immunity
±0.5kV
IEC61000-4-4, Criteria A
Surge Immunity
±0.5kV
IEC61000-4-5, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
3V
IEC61000-4-6, Criteria A
Power Magnetic Field Immunity
50Hz/ 1A/m
IEC61000-4-8, Criteria A
I-4
REV.: 0/2017
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, 1.5Vin , full load after warm up unless otherwise stated)
R-78S
Series
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
PCB
non-conductive black plastic, (UL94 V-0)
epoxy, (UL94 V-0)
FR4, (UL94 V-0)
Package Dimension (LxWxH)
11.6 x 8.5 x 10.4mm
Package Weight
2g typ.
Dimension Drawing (mm)
Pin Connections
Pin #
Single
1
+Vin
2
GND
3
+Vout
4
CTRL
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.25mm
Pin width:
±0.1mm
0.70
8.5
1.00 Ø +0.15/-0
11.6
7.62
2.0
1 2 3 4
R-78S Series
R-78S Series
2.54
Marking
embossed logo
Bottom View
Top View
Recommended Footprint Details
EMC Filtering Suggestions according to EN55022 Class B
C1
L1
+Vin
GND
+Vout
GND
R-78S
C1
L1
2.2µF 16V MLCC
1µH Choke


Similar Part No. - R-78S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78S3.3-0.1 RECOM-R-78S3.3-0.1 Datasheet
486Kb / 3P
   3.3V from a single AA battery (boost converter)
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
   3.3V from a single AA battery or from
More results

Similar Description - R-78S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1558 HMSEMI-HM1558 Datasheet
1Mb / 8P
   Boost Converter
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
   1.0MHz Boost Converter
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
logo
Monolithic Power System...
MP1541 MPS-MP1541_06 Datasheet
317Kb / 8P
   1.3MHz Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142 Datasheet
137Kb / 17P
   Micropower Boost Converter
MIC2142 MICREL-MIC2142_07 Datasheet
418Kb / 17P
   Micropower Boost Converter
logo
Richtek Technology Corp...
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
   Asynchronous Boost Converter
logo
Texas Instruments
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com