Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-78B15-2.0 Datasheet(PDF) 1 Page - Recom International Power

Part # R-78B15-2.0
Description  Efficiency Up To 96%, No Heatsinks Required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B15-2.0 Datasheet(HTML) 1 Page - Recom International Power

  R-78B15-2.0 Datasheet HTML 1Page - Recom International Power R-78B15-2.0 Datasheet HTML 2Page - Recom International Power R-78B15-2.0 Datasheet HTML 3Page - Recom International Power R-78B15-2.0 Datasheet HTML 4Page - Recom International Power R-78B15-2.0 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I-1
REV.: 0/2017
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm up unless otherwise specified)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin= 24VDC
1.2Vout - 3.3Vout
5Vout
9Vout
12Vout
15Vout
4.75VDC
6.5VDC
11VDC
15VDC
18VDC
24VDC
32VDC
Maximum Reverse Voltage
0V
Inrush Current
2A
Quiescent Current
nom. Vin= 24VDC
2mA
Internal Power Dissipation
Vout= 1.5VDC
0.35W
0.8W
Start-up time
10ms
Rise Time
50µs
Internal Operating Frequency
nom. Vin= 24VDC
460kHz
Minimum Load
0%
Output Ripple and Noise
20MHz BW
Vout
≤3.3VDC
Vout
≥5VDC
50mVp-p
75mVp-p
continued on next page
Description
The R-78Bxx-2.0 series high efficiency switching regulators are ideally suited to replace 78xx linear
regulators and are pin compatible. The efficiency of up to 96% means that very little energy is wasted
as heat. Full power is available over a temperature range of -40°C up to 70°C without the need for
heatsinks with their additional space and mounting costs. A high input voltage of up to 32VDC and
output voltages from 1.2V up to 15V, low ripple and noise figures and a short circuit input current of
typically only 10mA round off the specifications of this versatile converter series.
Features
Switching
Regulator
• Efficiency Up To 96%, No Heatsinks Required
• 2A Continuous Output Current
• Vin Up To 32V
• Vout: 1.2V - 15V
• Wide Operating Temperature -40°C to +70°C at Full Load
• S/C And Over-temperature Protection
• Pin Compatible With TO220 Linear Regulators
• Positive To Negative
2.0 Amp
SIP3
Single Output
R-78B-2.0
Selection Guide
Part
Input
Output
Output
Efficiency @ full load
Max. Capacitive
Number
Voltage Range
Voltage
Current
@ min Vin
@ max. Vin
Load (1)
[VDC]
[VDC]
[mA]
[%]
[%]
[µF]
R-78B1.2-2.0
4.75 - 32
1.2
2000
72
87
3300
R-78B1.5-2.0
4.75 - 32
1.5
2000
79
90
3300
R-78B1.8-2.0
4.75 - 32
1.8
2000
80
91
3300
R-78B2.5-2.0
4.75 - 32
2.5
2000
84
92
2300
R-78B3.3-2.0
4.75 - 32
3.3
2000
86
92
1800
R-78B5.0-2.0
6.5 - 32
5
2000
90
94
820
R-78B9.0-2.0
11 - 32
9
2000
93
95
620
R-78B12-2.0
15 - 32
12
2000
94
96
470
R-78B15-2.0
18 - 32
15
2000
95
96
470
IEC/EN62368-1 (pending)
CB Report (pending)
EN55022 Compliant
Notes:
Note1: Max. cap load is tested by nominal input and full resisitive load


Similar Part No. - R-78B15-2.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78B15-1.0 RECOM-R-78B15-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B15-1.0 RECOM-R-78B15-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B15-1.0 RECOM-R-78B15-1.0 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B15-1.0L RECOM-R-78B15-1.0L Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
More results

Similar Description - R-78B15-2.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
   Efficiency up to 93%, no need for heatsinks
logo
Silicon Laboratories
SI86XX SILABS-SI86XX Datasheet
1Mb / 52P
   No start-up initialization required
logo
B. B. Battery Co., Ltd.
BP35-12F BB-BATTERY-BP35-12F Datasheet
179Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12S BB-BATTERY-BP33-12S Datasheet
164Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12H BB-BATTERY-BP33-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
BP35-12S BB-BATTERY-BP35-12S Datasheet
163Kb / 1P
   Maintenance free(no water topping-up required)
logo
List of Unclassifed Man...
HR6-12-T2 ETC2-HR6-12-T2 Datasheet
161Kb / 1P
   Maintenance free(no water topping-up required).
logo
B. B. Battery Co., Ltd.
BP35-12H BB-BATTERY-BP35-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
logo
Silicon Laboratories
SI843X SILABS-SI843X Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com