Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIT-1501W-VFKE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PIT-1501W-VFKE
Description  Patient Infotainment Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PIT-1501W-VFKE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PIT-1501W-VFKE Datasheet HTML 1Page - Advantech Co., Ltd. PIT-1501W-VFKE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Infotainment
Features
Intel® Atom™ 1.6 GHz
Fanless
15.6" TFT-LCD with touchscreen
Built-in 1.3 megapixel CMOS camera
Built-in Mic, speaker & head-set support
Equipped with RFID/WiFi/Smart Card Reader
Built-in emergency key & 2 x indicators
Multiple input supports: RJ-45, USB x 2
Windows XP Embedded architecture
EN60601-1 certification approved
IP65 (front) and IPX1
Rich options
*TV tuner (analog & DVBT)
*Handset
*Wired remote controller (6 keys)
Notes:*optional items
PIT-1501W
Patient Infotainment Terminal
Introduction
PIT-1501W which equipped a 15.6" multi-function touchscreen, WiFi, RFID, handset, smart card reader and 1.3 megapixel camera is a member of PIT family of Advantech. PIT-1501W can
provide patients with various entertainment programs such as TV, movies or computer games because of Microsoft Wiindows XPE Embedded and Intel Atom 1.1GHz/1.6GHz processor.
Patients can easily communicate with families by internet because 1.3 megapixel camera, WiFi and Ethernet (RJ-45) connectivity are standard functions of PIT-1501W. Identification
recognition for both hospital staff and patients is possible with the RFID and smart card reader. The standard I/O ports of PIT-1501W such as USB ports, earphone and microphone
jack can generate more flexibility for various extensions. Additionally, important incidents can be noticed immediately because of LED light indicators and nurse call button.
Specifications
Hardware
CPU
Intel Atom 1.6 GHz
Front Side Bus
Support FSB 400/533 MHz
System Chipset
Intel US15W Poulsbo
Memory
1 GB DDRII DRAM, up to 2G
Storage
HDD: 2.5" SATA 80G
Camera
1.3 megapixel CMOS camera
Bus Expansion
mini-PCIe x 1(for WLAN)
Display
Size
15.6" TFT color LCD
Max Resolution
1366 X 768
Luminance
250 cd/m2
Contrast Ratio
500:1
Touchscreen
Type
Analog Resistive
Light Transmission
75%
Durability
30 million touches
I/O Ports
USB Port
3
Smart Card Rearder
1
Line out
1
Microphone in
1
Audio
Speaker
1W x 2
Internal Microphone
1
Network
LAN
10/100 Mbps Ethernet (RJ-45) x 1
WLAN
802.11 b/g/n wireless LAN
Emergency Alarm
Hotkey
1
LED Light Indicator
2
Bus Expansion
mini-PCIE slot
1 (for WLAN)
Software
Operating System
Embedded XP
Mechanical
Mounting
VESA 75/100 mm
Dimensions ( W x H x D)
416 X 308 X 65 mm(16.38" x 12.13" x 2.56")
Weight
4.0kg (8.82lbs) / 4.48 kg (9.88lbs) with handset
Options
TV Tuner
1 (Anlalog & DVBT)
Handset
1
Remote Controller
6 keys


Similar Part No. - PIT-1501W-VFKE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PIT-1501W-VFKE ADVANTECH-PIT-1501W-VFKE Datasheet
572Kb / 2P
   Patient Infotainment Terminal
More results

Similar Description - PIT-1501W-VFKE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PIT-1702-HSKE ADVANTECH-PIT-1702-HSKE Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1702-RCKE ADVANTECH-PIT-1702-RCKE Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1702 ADVANTECH-PIT-1702 Datasheet
576Kb / 2P
   Patient Infotainment Terminal
PIT-1501W-HSKE ADVANTECH-PIT-1501W-HSKE Datasheet
572Kb / 2P
   Patient Infotainment Terminal
PIT-1502W ADVANTECH-PIT-1502W Datasheet
968Kb / 2P
   15.6' Patient Infotainment Terminal with Intel Atom D510 Processors
logo
AVAGO TECHNOLOGIES LIMI...
ACNT-H61L AVAGO-ACNT-H61L Datasheet
116Kb / 2P
   Medical imaging and patient monitoring
logo
Advantech Co., Ltd.
RTLS-B7-TAG ADVANTECH-RTLS-B7-TAG Datasheet
264Kb / 1P
   RTLS tag for patient/staff locating
19-May-2022
logo
Intersil Corporation
AN1690.0 INTERSIL-AN1690.0 Datasheet
268Kb / 3P
   Electronics Meets the Challenges of Patient Monitors
logo
Advantech Co., Ltd.
HIT-W121 ADVANTECH-HIT-W121 Datasheet
943Kb / 2P
   11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
HIT-W121-HSKE ADVANTECH-HIT-W121-HSKE Datasheet
943Kb / 2P
   11.6 Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com