Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE1618DS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE1618DS
Description  Temperature monitor for microprocessor systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1618DS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NE1618DS Datasheet HTML 3Page - NXP Semiconductors NE1618DS Datasheet HTML 4Page - NXP Semiconductors NE1618DS Datasheet HTML 5Page - NXP Semiconductors NE1618DS Datasheet HTML 6Page - NXP Semiconductors NE1618DS Datasheet HTML 7Page - NXP Semiconductors NE1618DS Datasheet HTML 8Page - NXP Semiconductors NE1618DS Datasheet HTML 9Page - NXP Semiconductors NE1618DS Datasheet HTML 10Page - NXP Semiconductors NE1618DS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product data
NE1618
Temperature monitor for microprocessor systems
2002 Jan 04
7
FUNCTIONAL DESCRIPTION
Serial bus interface
The NE1618 can be connected to a compatible 2-wire serial
interface System Management Bus (SMBus) as a slave device
under the control of a master device, using two device terminals
SCLK and SDATA. The controller will provide a clock signal to the
device SCLK pin and write/read data to/from the device through the
device SDATA pin. External pull-up resistors, about 10 k
Ω each,
are needed for these two terminals due to the open drain circuitry.
Data of 8-bit digital byte or word are used for communication
between the controller and the device using SMBus protocols which
will be described more in the SMBus interface section. The
operation of the device to the bus is described with details in the
following sections.
Slave address
The 7-bit address data of the NE1618 on the bus is defined by
three-level logical connections applied to the device address pins
ADD0 and ADD1. They are either opened or connected directly to
the GND or VDD with the use of a resistor which value should be
equal to or less than 2 k
Ω. The selectable addresses are listed in
Table 1. Any one of those nine combinations can be used for any
device and more than one devices can reside on the same bus
without conflict. Notice that because the state of the device address
pins is sampled and latched not only at the power-up step but also
at starting point of every conversion, the address connections must
be permanently existent.
Table 1. Device slave address
ADD0 pin
ADD1 pin
7-BIT ADDRESS DATA
GND
GND
0011 000
GND
NC
0011 001
GND
VDD
0011 010
NC
GND
0101 001
NC
NC
0101 010
NC
VDD
0101 011
VDD
GND
1001 100
VDD
NC
1001 101
VDD
VDD
1001 110
1. NC = Not Connected.
Registers
The NE1618 contains a number of registers which names,
commands, power-on reset (POR) status and functions are listed in
Table 2. It includes:
Configuration register to provide control and configuration the
NE1618
Status register to provide the flags resulting from temp limit
comparisons
Measuring and limits temp registers
ID and test registers
The registers are used to store either programmable data for setting
device operation or resultant data from device measurement. Data
are stored in registers by 8-bit digital byte, either in 2’s complement
format for temperature-related data or in straight format for others.
The register command byte is used to addressing the register in
SMBus communication. Writing and reading registers will be
performed on the SMBus by a controller. The registers are divided
into two groups: only-read registers named with a prefix of R– and
only-write registers named with a prefix of W– (including the
one-shot register OSHT). You should write programmable data to
the only-write registers and read data from the only-read registers.
Attempting to write to any R– register or read from any W– register
will produce an invalid result: the writing data would be ignored, the
reading data would be equal to FFh. Some of registers are in pair
representing a same item for different bus operations: read and
write, for example, RC and WC are related to the device
configuration, one for reading and the other for writing.
The reserved registers are used only at the manufacturer for test
purposes.


Similar Part No. - NE1618DS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617A NXP-NE1617A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
NE1617ADS PHILIPS-NE1617ADS Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
More results

Similar Description - NE1618DS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1617A NXP-NE1617A Datasheet
174Kb / 27P
   Temperature monitor for microprocessor systems
Rev. 04-30 July 2009
NE1617 PHILIPS-NE1617 Datasheet
162Kb / 16P
   Temperature monitor for microprocessor systems
1999 Mar 19
NE1617A PHILIPS-NE1617A Datasheet
133Kb / 17P
   Temperature monitor for microprocessor systems
2004 Oct 05
logo
Analog Devices
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
   Low-Cost Microprocessor System Temperature Monitor
REV. D
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
   Microprocessor Monitor
2005
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
   Microprocessor Monitor
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com