Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE1619DS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE1619DS
Description  Temperature and voltage monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE1619DS Datasheet(HTML) 2 Page - NXP Semiconductors

  NE1619DS Datasheet HTML 1Page - NXP Semiconductors NE1619DS Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical operating circuit
Typical operating circuit
* Compatible with Intel “Heceta 4” specifications and reference designs that use them.
Feature
NE1617A
NE1619*
Temperature resolution
1 °C
1 °C
Accuracy local (onboard) sensor
± 2 °C
± 2 °C
Accuracy remote sensor
± 3 °C
± 3 °C
Supply range
3 to 5.5 V
2.8 to 5.5 V
Supply current operating mode
70 μA
250 μA
Supply current standby mode
3 μ
100 μ
Package
16-lead QSOP
16-lead QSOP
Selection guide
(1) Typical value, placed close to temperature sensor.
(1) Should be placed close to D+ and D- pins. May be required in noisy environment, about 1 nF.
www.nxp.com
www.nxp.com/i2clogic
Date of release: August 2008
Document order number: 9397 750 16533
Printed in the Netherlands
© 2008 NXP B.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and
reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use.
Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
1082 NXP temp sensors NE1617A NE1619_v3.indd 2
1082 NXP temp sensors NE1617A NE1619_v3.indd 2
06-08-2008 09:16:12
06-08-2008 09:16:12


Similar Part No. - NE1619DS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE1619 NXP-NE1619 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
NE1619 PHILIPS-NE1619 Datasheet
258Kb / 2P
   Precise thermal monitoring with small, accurate temp sensors
August 2008
More results

Similar Description - NE1619DS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
   SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com