Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71S102-140N5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 71S102-140N5
Description  BNC 75 Straight plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

71S102-140N5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  71S102-140N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 71S102-140N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
BNC 75
Straight plug
71S102-140N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
Compatible to
IEC 61169-8, MIL-PRF-39012, CECC 22120
Documents
Assembly instruction
51 P1
Material and plating
Connector parts
Material
Plating
Center contact
Brass
AuroDur®, gold plated
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Gasket
NeopreneCR 50C6
Crimping ferrule
Copper
Flash white bronze over silver(e.g. Optargen®)


Similar Part No. - 71S102-140N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71S102-109N5 ROSENBERGER-71S102-109N5 Datasheet
92Kb / 2P
   BNC 75 STRAIGHT PLUG
71S102-110N5 ROSENBERGER-71S102-110N5 Datasheet
81Kb / 2P
   STRAIGHT PLUG FOR 93 CABLE
71S102-1T6N5 ROSENBERGER-71S102-1T6N5 Datasheet
85Kb / 2P
   BNC 75 STRAIGHT PLUG
71S102-1V6N5 ROSENBERGER-71S102-1V6N5 Datasheet
72Kb / 2P
   BNC 75 Straight plug
More results

Similar Description - 71S102-140N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71S102-1T6N5 ROSENBERGER-71S102-1T6N5 Datasheet
85Kb / 2P
   BNC 75 STRAIGHT PLUG
71S102-109N5 ROSENBERGER-71S102-109N5 Datasheet
92Kb / 2P
   BNC 75 STRAIGHT PLUG
71S102-1V6N5 ROSENBERGER-71S102-1V6N5 Datasheet
72Kb / 2P
   BNC 75 Straight plug
71S106-009N5 ROSENBERGER-71S106-009N5 Datasheet
152Kb / 2P
   BNC 75 STRAIGHT PLUG
71S107-802N5 ROSENBERGER-71S107-802N5 Datasheet
42Kb / 2P
   BNC 75 STRAIGHT PLUG
logo
Molex Electronics Ltd.
0731713400 MOLEX11-0731713400 Datasheet
63Kb / 1P
   75 Ohms, Mini BNC, Plug, Straight
0731710731 MOLEX-0731710731_V01 Datasheet
41Kb / 1P
   75 Ohms, BNC Straight Plug, RG6
logo
Winchester Electronics ...
SD2065-E00-3CW02N WINCHESTER-SD2065-E00-3CW02N Datasheet
108Kb / 1P
   BNC 75 PLUG BNC 75 PLUG (ROHS COMPLIANT)
logo
Molex Electronics Ltd.
0731710731 MOLEX11-0731710731 Datasheet
52Kb / 1P
   75 Ohms, BNC Straight Plug, RG6
0731713400 MOLEX-0731713400 Datasheet
56Kb / 1P
   75 Ohms, Mini BNC, Plug, Straight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com