Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC5.7222J50J33TR12 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SMC5.7222J50J33TR12
Description  Film, Metallized PPS, Commercial Grade, SMC/F125, 2200 pF, 5%, 50 V, 30 V, 100C, 2220, 3mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMC5.7222J50J33TR12 Datasheet(HTML) 1 Page - Kemet Corporation

  SMC5.7222J50J33TR12 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 2b3bcaab-94be-4cc5-bd74-b65cacc0639d
KEMET Part Number: SMC5.7222J50J33 TR12
(F125PP222J050V)
Film, Metallized PPS, Commercial Grade, SMC/F125, 2200 pF, 5%, 50 V, 30 V, 100C, 2220, 3mm
Dimensions
Chip Size
2220
L
5.7mm +/-0.2mm
W
5mm +/-0.2mm
T
3mm +/-0.2mm
F
0.5mm NOM
Packaging Specifications
Packaging: T&R
Packaging Quantity: 2400
General Information
Dielectric: Metallized PPS
Style: SMD Chip
Series: SMC/F125
Features: High Stability
RoHS: Yes
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 2200 pF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Voltage AC: 30 V
Temperature Range: -55/+125C
Rated Temperature: 100C
Dissipation Factor: 0.15% 1kHz, 0.25% 10kHz, 0.5%
100kHz
Insulation Resistance: 15 GOhms
Max dVdt: 20 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - SMC5.7222J50J33TR12

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMC5.7222J100J33TR12 KEMET-SMC5.7222J100J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 2200 pF, 5%, 100 V, 63 V, 100C, 2220, 3mm
More results

Similar Description - SMC5.7222J50J33TR12

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMC5.7472J50J33TR12 KEMET-SMC5.7472J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 4700 pF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC5.7332J50J33TR12 KEMET-SMC5.7332J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 3300 pF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC5.7152J50J33TR12 KEMET-SMC5.7152J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 1500 pF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC5.7682J50J33TR12 KEMET-SMC5.7682J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 6800 pF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC5.7222J100J33TR12 KEMET-SMC5.7222J100J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 2200 pF, 5%, 100 V, 63 V, 100C, 2220, 3mm
SMC5.7103J50J33TR12 KEMET-SMC5.7103J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.01 uF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC5.7153J50J33TR12 KEMET-SMC5.7153J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.015 uF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC5.7223J50J33TR12 KEMET-SMC5.7223J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.022 uF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC5.7473J50J33TR12 KEMET-SMC5.7473J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.047 uF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC5.7333J50J33TR12 KEMET-SMC5.7333J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.033 uF, 5%, 50 V, 30 V, 100C, 2220, 3mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com