Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T323A474K002AT Datasheet(PDF) 5 Page - Kemet Corporation

Part # T323A474K002AT
Description  T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T323A474K002AT Datasheet(HTML) 5 Page - Kemet Corporation

  T323A474K002AT Datasheet HTML 1Page - Kemet Corporation T323A474K002AT Datasheet HTML 2Page - Kemet Corporation T323A474K002AT Datasheet HTML 3Page - Kemet Corporation T323A474K002AT Datasheet HTML 4Page - Kemet Corporation T323A474K002AT Datasheet HTML 5Page - Kemet Corporation T323A474K002AT Datasheet HTML 6Page - Kemet Corporation T323A474K002AT Datasheet HTML 7Page - Kemet Corporation T323A474K002AT Datasheet HTML 8Page - Kemet Corporation T323A474K002AT Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2039_T322_AXIAL_T323 • 9/9/2015
55
Tantalum Through-Hole Capacitors – Molded Axial
T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style)
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5
VDC
µF
(See below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
6
33.0
C
T322C336M006A(2)
1.5
6
CX05D336M
T323C336M006A(2)
6
39.0
D
T322D396(1)006A(2)
1.9
6
6
47.0
D
T322D476J006A(2)
2.3
6
6
47.0
D
T322D476K006A(2)
2.3
6
CX05D476K
T323D476K006A(2)
6
47.0
D
T322D476M006A(2)
2.3
6
CX05D476M
T323D476M006A(2)
6
56.0
D
T322D566(1)006A(2)
2.7
6
6
68.0
D
T322D686(1)006A(2)
3.3
6
6
82.0
E
T322E826(1)006A(2)
3.9
8
6
100.0
E
T322E107(1)006A(2)
4.8
8
6
120.0
E
T322E127(1)006A(2)
5.0
8
6
150.0
E
T322E157(1)006A(2)
5.0
8
6
180.0
E
T322E187(1)006A(2)
8.6
8
6
220.0
E
T322E227(1)006A(2)
10.0
8
6
270.0
F
T322F277(1)006A(2)
10.0
8
6
330.0
F
T322F337(1)006A(2)
10.0
8
10
2.2
A
T322A225(1)010A(2)
0.5
4
10
2.7
A
T322A275(1)010A(2)
0.5
4
10
3.3
A
T322A335J010A(2)
0.5
4
10
3.3
A
T322A335K010A(2)
0.5
4
CX05F335K
T323A335K010A(2)
10
3.3
A
T322A335M010A(2)
0.5
4
CX05F335M
T323A335M010A(2)
10
3.9
B
T322B395(1)010A(2)
0.5
4
10
4.7
B
T322B475(1)010A(2)
0.5
4
10
5.6
B
T322B565(1)010A(2)
0.5
4
10
6.8
B
T322B685(1)010A(2)
0.5
6
10
8.2
B
T322B825(1)010A(2)
0.7
6
10
10.0
B
T322B106J010A(2)
0.8
6
10
10.0
B
T322B106K010A(2)
0.8
6
CX05F106K
T323B106K010A(2)
10
10.0
B
T322B106M010A(2)
0.8
6
CX05F106M
T323B106M010A(2)
10
12.0
C
T322C126(1)010A(2)
1.0
6
10
15.0
C
T322C156(1)010A(2)
1.2
6
10
18.0
C
T322C186(1)010A(2)
1.4
6
10
22.0
C
T322C226J010A(2)
1.5
6
10
22.0
C
T322C226K010A(2)
1.5
6
CX05F226K
T323C226K010A(2)
10
22.0
C
T322C226M010A(2)
1.5
6
CX05F226M
T323C226M010A(2)
10
27.0
D
T322D276J010A(2)
2.2
6
10
27.0
D
T322D276K010A(2)
2.2
6
CX05F276K
T323D276K010A(2)
10
27.0
D
T322D276M010A(2)
2.2
6
CX05F276M
T323D276M010A(2)
10
33.0
D
T322D336J010A(2)
2.6
6
10
33.0
D
T322D336K010A(2)
2.6
6
CX05F336K
T323D336K010A(2)
10
33.0
D
T322D336M010A(2)
2.6
4
CX05F336M
T323D336M010A(2)
10
39.0
D
T322D396J010A(2)
3.1
6
10
39.0
D
T322D396K010A(2)
3.1
6
CX05F396K
T323D396K010A(2)
10
39.0
D
T322D396M010A(2)
3.1
6
CX05F396M
T323D396M010A(2)
10
47.0
D
T322D476J010A(2)
3.8
6
10
47.0
D
T322D476K010A(2)
3.8
6
CX05F476K
T323D476K010A(2)
10
47.0
D
T322D476M010A(2)
3.8
6
CX05F476M
T323D476M010A(2)
10
56.0
E
T322E566(1)010A(2)
4.4
6
10
68.0
E
T322E686(1)010A(2)
5.0
6
10
82.0
E
T322E826(1)010A(2)
5.0
8
10
100.0
E
T322E107(1)010A(2)
8.0
8
10
120.0
E
T322E127(1)010A(2)
9.6
8
10
150.0
E
T322E157(1)010A(2)
10.0
8
10
180.0
F
T322F187(1)010A(2)
10.0
8
10
220.0
F
T322F227(1)010A(2)
10.0
8
15
1.5
A
T322A155(1)015A(2)
0.5
4
15
1.8
A
T322A185(1)015A(2)
0.5
4
VDC
µF
Case Code/
Case Size
(see below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
Rated
Voltage
Rated
Cap
KEMET Part Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20%, K for ±10% or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, S = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish.


Similar Part No. - T323A474K002AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T323A474K035AS-C KEMET-T323A474K035AS-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
T323A474K035AT-C KEMET-T323A474K035AT-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
More results

Similar Description - T323A474K002AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
   CASE STYLE AND DIMENSIONS
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
logo
List of Unclassifed Man...
M8372376R2025N ETC2-M8372376R2025N Datasheet
1Mb / 23P
   MIL-DTL-83723 Series III Features and Application Bayonet and Threaded Coupling
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com