Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0642.102NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0642.102NL
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0642.102NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0642.102NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0642.102NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P670.B (05/15)
1
pulseelectronics.com
SMT Power Inductors
Round Wire Coils - PG0642NL Series
Height: 5.0mm Max
Footprint: 7.9mm x 7.6mm Max
Saturation Current: up to 32Apk
Inductance Range: 0.32µH to 5.4µH
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
@ Irated
(µH TYP)
Irated
(A)
DCR (m
Ω)
(±6%)
Inductance
@ 0ADC
(µH ±20%)
Saturation
Current Isat
(A TYP)
Heating
Current IDC
(A TYP)
Core Loss
Factor
K2
PG0642.401NL
0.32
20.0
3.3
0.40
32
20.0
33.6
PG0642.681NL
0.54
17.5
4.3
0.68
25
17.5
46.5
PG0642.102NL
0.80
14.5
5.8
1.00
22
14.5
58.2
PG0642.152NL
1.20
13.3
6.8
1.50
18
13.3
75.7
PG0642.222NL
1.70
10.0
12.7
2.20
14
10.0
84.7
PG0642.332NL
2.60
9.5
16.6
3.30
13
9.5
107.0
PG0642.472NL
3.70
9.0
18.4
4.70
10
9.0
140.1
PG0642.682NL
5.40
6.0
26.4
6.80
8
6.0
176.2
9
2
3
4
5
6
7
1
Notes:
1. Actual temperature of the component (ambient plus temperature rise) must be within the
standard operating temperature range.
2. Inductance at Irated is a typical inductance value for the component taken at rated current.
3. The rated current listed is the lower of the saturation current (@ 25°C) or the heating current
depending on which value is lower.
4. The DCR of the part is measured at an ambient temperature of 20C 3C from point a and b as
shown above on the mechanical drawing.
5. The saturation current, ISAT, is the current at which the component inductance drops by 20%
(typical) at an ambient temperature of 25°C. This current is determined by placing the
component in the specified ambient environment and applying a short duration pulse
current (to eliminate self-heating effects) to the component.
6. The heating current, IDC, is the DC current required to raise the component temperature by
approximately 40°C. The heating current is determined by mounting the component on a
typical PCB and applying current for 30 minutes. The temperature is measured by placing
the thermocouple on top of the unit under test. Take note that the component’s performance
varies depending on the system
condition. It is suggested that the component be tested at the system level, to
verify the temperature rise of the component during system operation.
7. Core Loss approximation is based on published core data:
Core Loss = K1 * (f) * (K2
ΔI)
Where: Core Loss = in Watts
K1 = 5.894E-10
f = switching frequency in kHz
K1 & K2 = core loss factors
ΔI = delta I across the component in Ampere
K2*
ΔI = one half of the peak to peak flux density
across the component in Gauss
8. Unless otherwise specified, all testing is made at 100kHz, 0.1VAC.
9. Optional Tape & Reel packaging can be ordered by adding a “
T” suffix to the part
number (i.e. PG0642.222NL becomes PG0642.222NL
T). Pulse complies to industry
standard tape and reel specification EIA481. The tape and reel for this product has
a width (W=24mm), pitch (Po=12mm) and depth (Ko=5.5mm).
1.48
1.97


Similar Part No. - PG0642.102NL

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PG06D0303A DELTA-PG06D0303A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PG06D0503A DELTA-PG06D0503A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PG06D1203A DELTA-PG06D1203A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
PowerDynamics, Inc
PG06S POWERDYNAMICS-PG06S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
logo
Delta Electronics, Inc.
PG06S0303A DELTA-PG06S0303A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
More results

Similar Description - PG0642.102NL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com