Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5426YRM Datasheet(PDF) 6 Page - Analog Devices

Part # AD5426YRM
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5426YRM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5426YRM Datasheet HTML 2Page - Analog Devices AD5426YRM Datasheet HTML 3Page - Analog Devices AD5426YRM Datasheet HTML 4Page - Analog Devices AD5426YRM Datasheet HTML 5Page - Analog Devices AD5426YRM Datasheet HTML 6Page - Analog Devices AD5426YRM Datasheet HTML 7Page - Analog Devices AD5426YRM Datasheet HTML 8Page - Analog Devices AD5426YRM Datasheet HTML 9Page - Analog Devices AD5426YRM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. 0
–6–
AD5426/AD5432/AD5443
PIN CONFIGURATION
IOUT1 110 RFB
SDIN 56
SYNC
SCLK 47 SDO
GND 38 VDD
IOUT2 29 VREF
AD5426/
AD5432/
AD5443
(Not to Scale)
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1IOUT1
DAC Current Output.
2IOUT2
DAC Analog Ground. This pin should normally be tied to the analog ground of the system.
3GND
Ground Pin.
4
SCLK
Serial Clock Input. By default, data is clocked into the input shift register on the falling edge of the serial
clock input. Alternatively, by means of the serial control bits, the device may be configured such that data is
clocked into the shift register on the rising edge of SCLK.
5SDIN
Serial Data Input. Data is clocked into the 16-bit input register on the active edge of the serial clock input.
By default, on power-up, data is clocked into the shift register on the falling edge of SCLK. The control bits
allow the user to change the active edge to rising edge.
6
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When
SYNC goes
low, it powers on the SCLK and DIN buffers, and the input shift register is enabled. Data is loaded to the
shift register on the active edge of the following clocks (power-on default is falling clock edge). In standalone
mode, the serial interface counts clocks and data is latched to the shift register on the 16th active clock edge.
7SDO
Serial Data Output. This allows a number of parts to be daisy-chained. By default, data is clocked into the
shift register on the falling edge and out via SDO on the rising edge of SCLK. Data will always be clocked
out on the alternate edge to loading data to the shift register. Writing the Readback control word to the
shift register makes the DAC register contents available for readback on the SDO pin, clocked out on the
opposite edges to the active clock edge.
8VDD
Positive Power Supply Input. These parts can be operated from a supply of 3 V to 5.5 V.
9VREF
DAC Reference Voltage Input.
10
RFB
DAC Feedback Resistor pin. Establish voltage output for the DAC by connecting to external amplifier output.


Similar Part No. - AD5426YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5426YRM AD-AD5426YRM Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426YRM-REEL AD-AD5426YRM-REEL Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426YRM-REEL7 AD-AD5426YRM-REEL7 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426YRMZ AD-AD5426YRMZ Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426YRMZ-REEL AD-AD5426YRMZ-REEL Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Similar Description - AD5426YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com