Electronic Components Datasheet Search |
|
T322D474K006AT Datasheet(PDF) 9 Page - Kemet Corporation |
|
T322D474K006AT Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2039_T322_AXIAL_T323 • 9/9/2015 99 Tantalum Through-Hole Capacitors – Molded Axial T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style) Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF CX01 & CX05 Capacitors per MIL–PRF–49137/1 & 5 VDC µF (See below for part options) µA @ 25°C Max/5 Minimum % @ 25°C 120 Hz Maximum Military Part Number KEMET Part Number 50 0.1 A T322A104M050A(2) 0.5 3 CX05N104M T323A104M050A(2) 50 0.12 A T322A124(1)050A(2) 0.5 3 50 0.15 A T322A154J050A(2) 0.5 3 50 0.15 A T322A154K050A(2) 0.5 3 CX05N154K T323A154K050A(2) 50 0.15 A T322A154M050A(2) 0.5 3 CX05N154M T323A154M050A(2) 50 0.18 A T322A184(1)050A(2) 0.5 3 50 0.22 A T322A224J050A(2) 0.5 3 50 0.22 A T322A224K050A(2) 0.5 3 CX05N224K T323A224K050A(2) 50 0.22 A T322A224M050A(2) 0.5 3 CX05N224M T323A224M050A(2) 50 0.27 A T322A274(1)050A(2) 0.5 3 50 0.33 B T322B334J050A(2) 0.5 3 50 0.33 B T322B334K050A(2) 0.5 3 CX05N334K T323B334K050A(2) 50 0.33 B T322B334M050A(2) 0.5 3 CX05N334M T323B334M050A(2) 50 0.39 B T322B394J050(2) 0.5 3 50 0.39 B T322B394K050A(2) 0.5 3 CX05N394K T323B394K050A(2) 50 0.39 B T322B394M050A(2) 0.5 3 CX05N394M T323B394M050A(2) 50 0.47 B T322B474J050A(2) 0.5 3 50 0.47 B T322B474K050A(2) 0.5 3 CX05N474K T323B474K050A(2) 50 0.47 B T322B474M050A(2) 0.5 3 CX05N474M T323B474M050A(2) 50 0.56 B T322B564(1)050A(2) 0.5 3 50 0.68 B T322B684J050A(2) 0.5 3 50 0.68 B T322B684K050A(2) 0.5 3 CX05N684K T323B684K050A(2) 50 0.68 B T322B684M050A(2) 0.5 3 CX05N684M T323B684M050A(2) 50 0.82 B T322B824(1)050A(2) 0.5 3 50 1.0 B T322B105J050A(2) 0.5 3 50 1.0 B T322B105K050A(2) 0.5 3 CX05N105K T323B105K050A(2) 50 1.0 B T322B105M050A(2) 0.5 3 CX05N105M T323B105M050A(2) 50 1.2 C T322C125(1)050A(2) 0.5 3 50 1.5 C T322C155J050A(2) 0.6 4 50 1.5 C T322C155K050A(2) 0.6 4 CX05N155K T323C155K050A(2) 50 1.5 C T322C155M050A(2) 0.6 4 CX05N155M T323C155M050A(2) 50 1.8 C T322C185(1)050A(2) 0.7 4 50 2.2 C T322C225J050A(2) 0.9 4 50 2.2 C T322C225K050A(2) 0.9 4 CX05N225K T323C225K050A(2) 50 2.2 C T322C225M050A(2) 0.9 4 CX05N225M T323C225M050A(2) 50 2.7 D T322D275(1)050A(2) 1.1 4 50 3.3 D T322D335J050A(2) 1.3 4 50 3.3 D T322D335K050A(2) 1.3 4 CX05N335K T323D335K050A(2) 50 3.3 D T322D335M050A(2) 1.3 4 CX05N335M T323D335M050A(2) 50 3.9 D T322D395(1)050A(2) 1.6 4 50 4.7 D T322D475J050A(2) 1.9 4 50 4.7 D T322D475K050A(2) 1.9 4 CX05N475K T323D475K050A(2) 50 4.7 D T322D475M050A(2) 1.9 4 CX05N475M T323D475M050A(2) 50 5.6 E T322E565(1)050A(2) 2.2 4 50 6.8 E T322E685(1)050A(2) 2.7 4 50 8.2 E T322E825(1)050A(2) 3.2 4 50 10.0 E T322E106(1)050A(2) 4.0 6 50 12.0 F T322F126(1)050A(2) 4.8 6 50 15.0 F T322F156(1)050A(2) 6.0 6 50 18.0 F T322F186(1)050A(2) 7.2 6 50 22.0 F T322F226(1)050A(2) 8.8 6 VDC µF Case Code/ Case Size (see below for part options) µA @ 25°C Max/5 Minimum % @ 25°C 120 Hz Maximum Military Part Number KEMET Part Number Rated Voltage Rated Cap KEMET Part Number DC Leakage DF CX01 & CX05 Capacitors per MIL–PRF–49137/1 & 5 Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert M for ±20%, K for ±10% or J for 5%. Designates capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, S = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish. |
Similar Part No. - T322D474K006AT |
|
Similar Description - T322D474K006AT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |