Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG821BRM Datasheet(PDF) 2 Page - Analog Devices

Part # ADG821BRM
Description  <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG821BRM Datasheet(HTML) 2 Page - Analog Devices

  ADG821BRM Datasheet HTML 1Page - Analog Devices ADG821BRM Datasheet HTML 2Page - Analog Devices ADG821BRM Datasheet HTML 3Page - Analog Devices ADG821BRM Datasheet HTML 4Page - Analog Devices ADG821BRM Datasheet HTML 5Page - Analog Devices ADG821BRM Datasheet HTML 6Page - Analog Devices ADG821BRM Datasheet HTML 7Page - Analog Devices ADG821BRM Datasheet HTML 8Page - Analog Devices ADG821BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADG821/ADG822/ADG823–SPECIFICATIONS1
–40 C to
– 40 C to
Parameter
25 C
+85 C
+125 C
2
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
0.5
Ω typ
VS = 0 V to VDD, IS = 100 mA;
0.6
0.7
0.8
Ω max
Test Circuit 1
On Resistance Match Between
Channels (
∆R
ON)0.16
Ω typ
VS = 0 V to VDD, IS = 100 mA
0.2
0.25
0.28
Ω max
On Resistance Flatness (RFLAT(ON))0.15
Ω typ
VS = 0 V to VDD, IS = 100 mA
0.23
0.26
0.3
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V;
±0.25
±3
±25
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V;
±0.25
±3
±25
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V, or VS = VD = 4.5 V;
±0.25
±3
±25
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
4
pF typ
DYNAMIC CHARACTERISTICS
3
tON
33
ns typ
RL = 50
Ω, CL = 35 pF,
45
48
52
ns max
VS = 3 V; Test Circuit 4
tOFF
11
ns typ
RL = 50
Ω, C
L = 35 pF,
16
19
21
ns max
VS = 3 V; Test Circuit 4
Break-Before-Make Time Delay, tBBM 32
ns typ
RL = 50
Ω, C
L = 35 pF,
(ADG823 Only)
1
ns min
VS1 = VS2 = 3 V; Test Circuit 5
Charge Injection
15
pC typ
VS = 2.5 V; RS = 0
Ω, CL = 1 nF;
Test Circuit 6
Off Isolation
–52
dB typ
RL = 50
Ω, C
L = 5 pF,
f =1 MHz; Test Circuit 7
Channel-to-Channel Crosstalk
–82
dB typ
RL = 50
Ω, C
L = 5 pF
f = 1 MHz; Test Circuit 9
Bandwidth –3 dB
24
MHz typ
RL = 50
Ω, CL = 5 pF;
Test Circuit 8
CS (OFF)
85
pF typ
f =1 MHz
CD (OFF)
98
pF typ
f =1 MHz
CD, CS (ON)
230
pF typ
f =1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
Digital Inputs = 0 V or 5.5 V
IDD
0.001
µA typ
1.0
2.0
µA max
NOTES
1Temperature range: Automotive range: –40
°C to +125°C.
2On resistance parameters tested with I
S = 10 mA.
3Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VDD = 5 V
± 10%, GND = 0 V. All specifications
–40 C to +125 C, unless otherwise noted.)


Similar Part No. - ADG821BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG821BRM AD-ADG821BRM Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRM-REEL AD-ADG821BRM-REEL Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRMZ AD-ADG821BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRMZ-REEL7 AD-ADG821BRMZ-REEL7 Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
More results

Similar Description - ADG821BRM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
logo
Analog Devices
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
   <0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com