Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T323B474M010AT Datasheet(PDF) 6 Page - Kemet Corporation

Part # T323B474M010AT
Description  T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T323B474M010AT Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T323B474M010AT Datasheet HTML 2Page - Kemet Corporation T323B474M010AT Datasheet HTML 3Page - Kemet Corporation T323B474M010AT Datasheet HTML 4Page - Kemet Corporation T323B474M010AT Datasheet HTML 5Page - Kemet Corporation T323B474M010AT Datasheet HTML 6Page - Kemet Corporation T323B474M010AT Datasheet HTML 7Page - Kemet Corporation T323B474M010AT Datasheet HTML 8Page - Kemet Corporation T323B474M010AT Datasheet HTML 9Page - Kemet Corporation T323B474M010AT Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2039_T322_AXIAL_T323 • 9/9/2015
66
Tantalum Through-Hole Capacitors – Molded Axial
T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style)
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5
VDC
µF
(See below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
15
2.2
A
T322A225J015A(2)
0.5
4
15
2.2
A
T322A225K015A(2)
0.5
4
CX05H225K
T323A225K015A(2)
15
2.2
A
T322A225M015A(2)
0.5
4
CX05H225M
T323A225M015A(2)
15
2.7
B
T322B275(1)015A(2)
0.5
4
15
3.3
B
T322B335(1)015A(2)
0.5
4
15
3.9
B
T322B395(1)015A(2)
0.5
4
15
4.7
B
T322B475(1)015A(2)
0.6
4
15
5.6
B
T322B565(1)015A(2)
0.7
4
15
6.8
B
T322B685J015A(2)
0.8
6
15
6.8
B
T322B685K015A(2)
0.8
6
CX05H685K
T323B685K015A(2)
15
6.8
B
T322B685M015A(2)
0.8
6
CX05H685M
T323B685M015A(2)
15
8.2
C
T322C825(1)015A(2)
1.0
6
15
10.0
C
T322C106(1)015A(2)
1.2
6
15
12.0
C
T322C126(1)015A(2)
1.4
6
15
15.0
C
T322C156J015A(2)
1.5
6
15
15.0
C
T322C156K015A(2)
1.5
6
CX05H156K
T323C156K015A(2)
15
15.0
C
T322C156M015A(2)
1.5
6
CX05H156M
T323C156M015A(2)
15
18.0
D
T322D186(1)015A(2)
2.2
6
15
22.0
D
T322D226J015A(2)
2.6
6
15
22.0
D
T322D226K015A(2)
2.6
6
CX06H226K
T323D226K015A(2)
15
22.0
D
T322D226M015A(2)
2.6
6
CX06H226M
T323D226M015A(2)
15
27.0
D
T322D276(1)015A(2)
3.2
6
15
33.0
D
T322D336J015A(2)
4.0
6
15
33.0
D
T322D336K015A(2)
4.0
6
CX05H336K
T323D336K015A(2)
15
33.0
D
T322D336M015A(2)
4.0
6
CX05H336M
T323D336M015A(2)
15
39.0
E
T322E396(1)015A(2)
4.7
6
15
47.0
E
T322E476(1)015A(2)
5.0
6
15
56.0
E
T322E566(1)015A(2)
6.7
6
15
68.0
E
T322E686(1)015A(2)
8.2
6
15
82.0
E
T322E826(1)015A(2)
9.8
8
15
100.0
E
T322E107(1)015A(2)
10.0
8
15
120.0
F
T322F127(1)015A(2)
10.0
8
15
150.0
F
T322F157(1)015A(2)
10.0
8
20
1.0
A
T322A105(1)020A(2)
0.5
4
20
1.2
A
T322A125(1)020A(2)
0.5
4
20
1.5
A
T322A155J020A(2)
0.5
4
20
1.5
A
T322A155K020A(2)
0.5
4
CX05J155K
T323A155K020A(2)
20
1.5
A
T322A155M020A(2)
0.5
4
CX05J155M
T323A155M020A(2)
20
1.8
B
T322B185(1)020A(2)
0.5
4
20
2.2
B
T322B225(1)020A(2)
0.5
4
20
2.7
B
T322B275(1)020A(2)
0.5
4
20
3.3
B
T322B335(1)020A(2)
0.5
4
20
3.9
B
T322B395(1)020A(2)
0.6
4
20
4.7
B
T322B475J020A(2)
0.8
4
20
4.7
B
T322B475K020A(2)
0.8
4
CX05J475K
T323B475K020A(2)
20
4.7
B
T322B475M020A(2)
0.8
4
CX05J475M
T323B475M020A(2)
20
5.6
C
T322C565(1)020A(2)
0.9
4
20
6.8
C
T322C685(1)020A(2)
1.1
6
20
8.2
C
T322C825(1)020A)2)
1.3
6
20
10.0
C
T322C106(1)020A(2)
1.6
6
20
12.0
D
T322D126J020A(2)
1.9
6
20
12.0
D
T322D126K020A(2)
1.9
6
CX05J126K
T323D126K020A(2)
20
12.0
D
T322D126M020A(2)
1.9
6
CX05J126M
T323D126M020A(2)
20
15.0
D
T322D156J020A(2)
2.4
6
20
15.0
D
T322D156K020A(2)
2.4
6
CX05J156K
T323D156K020A(2)
20
15.0
D
T322D156M020A(2)
2.4
6
CX05J156M
T323D156M020A(2)
VDC
µF
Case Code/
Case Size
(see below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
Rated
Voltage
Rated
Cap
KEMET Part Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20%, K for ±10% or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, S = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish.


Similar Part No. - T323B474M010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T323B474M035AS-C KEMET-T323B474M035AS-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
T323B474M035AT-C KEMET-T323B474M035AT-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
More results

Similar Description - T323B474M010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
   CASE STYLE AND DIMENSIONS
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
logo
List of Unclassifed Man...
M8372376R2025N ETC2-M8372376R2025N Datasheet
1Mb / 23P
   MIL-DTL-83723 Series III Features and Application Bayonet and Threaded Coupling
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com