Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP1104R082M-10 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # LDP1104R082M-10
Description  Dual conductor construction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LDP1104R082M-10 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  LDP1104R082M-10 Datasheet HTML 1Page - Laird Tech Smart Technology LDP1104R082M-10 Datasheet HTML 2Page - Laird Tech Smart Technology LDP1104R082M-10 Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Current Dual Conductor
SMD Power Inductor
LDP1104 Series
USA: +1.423.308.1690
Europe: +42.0.4885.7511.1
Asia: +86.757.2563.8860
www.lairdtech.com
MCP-DS-DUAL CONDUCTOR SMD POWER IND 1115
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be
the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights. Version A01
FEATURES
 High current up to 68A
 Magnetically shielded construction, low radiation
 Compact size & robust ferrite construction
 Operating temperature -40℃ to 125℃
(Including self-heating)
 Surface mount device
 Dual conductor construction
APPLICATIONS
 High speed switch mode application
 Voltage regulator module (VRM)
 Multiple phase regulator
 Battery power system
ELECTRICAL SPECIFICATIONS
DUAL (TWO) CONDUCTOR MODE
PART NUMBER
INDUCTANCE
(nH)
±15%
FLL
(nH)
Min
ISAT
(A)
IRMS
(A)
40℃
DCR
(mΩ)
±10%
LDP1104R044M-10
44
29.92
68.0
38.2
0.206
LDP1104R050M-10
50
34.00
58.0
38.2
0.206
LDP1104R064M-10
64
43.52
50.0
38.2
0.206
LDP1104R070M-10
70
47.60
47.5
38.2
0.206
LDP1104R082M-10
82
55.76
45.5
38.2
0.206
LDP1104R100M-10
100
68.00
40.0
38.2
0.206
LDP1104R120M-10
120
81.60
30.0
38.2
0.206
LDP1104R150M-10
150
102.00
24.0
38.2
0.206
PARALLEL MODE
PART NUMBER
INDUCTANCE
(nH)
±15%
FLL
(nH)
Min
ISAT
(A)
IRMS
(A)
40℃
DCR
(mΩ)
±10%
LDP1104R044M-10
44
29.92
68.0
54.0
0.103
LDP1104R050M-10
50
34.00
58.0
54.0
0.103
LDP1104R064M-10
64
43.52
50.0
54.0
0.103
LDP1104R070M-10
70
47.60
47.5
54.0
0.103
LDP1104R082M-10
82
55.76
45.5
54.0
0.103
LDP1104R100M-10
100
68.00
40.0
54.0
0.103
LDP1104R120M-10
120
81.60
30.0
54.0
0.103
LDP1104R150M-10
150
102.00
24.0
54.0
0.103


Similar Part No. - LDP1104R082M-10

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
LDP11A ANOVA-LDP11A Datasheet
331Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP11A LUGUANG-LDP11A Datasheet
881Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
LDP11CA ANOVA-LDP11CA Datasheet
331Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP11CA LUGUANG-LDP11CA Datasheet
881Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
More results

Similar Description - LDP1104R082M-10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
29542 MACOM-29542 Datasheet
83Kb / 4P
   Dual wall construction
logo
List of Unclassifed Man...
SLP20-P ETC1-SLP20-P Datasheet
102Kb / 2P
   DUAL RECTIFIER CONSTRUCTION
logo
Surge Components
MBR3060CT SURGE-MBR3060CT Datasheet
433Kb / 5P
   Dual rectifier construction, positive center tap
MBR1545CT SURGE-MBR1545CT Datasheet
1Mb / 5P
   Dual rectifier construction, positive center tap
MBR1560 SURGE-MBR1560 Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
MBR1060 SURGE-MBR1060 Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
MBR1060CT SURGE-MBR1060CT Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
logo
Surge Components
MBR1045CT SURGE-MBR1045CT Datasheet
2Mb / 5P
   Dual rectifier construction, positive center tap
logo
Kersemi Electronic Co.,...
MBR40H45CT KERSEMI-MBR40H45CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com