Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7519ARQZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7519ARQZ1
Description  SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7519ARQZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7519ARQZ1 Datasheet HTML 2Page - Analog Devices ADT7519ARQZ1 Datasheet HTML 3Page - Analog Devices ADT7519ARQZ1 Datasheet HTML 4Page - Analog Devices ADT7519ARQZ1 Datasheet HTML 5Page - Analog Devices ADT7519ARQZ1 Datasheet HTML 6Page - Analog Devices ADT7519ARQZ1 Datasheet HTML 7Page - Analog Devices ADT7519ARQZ1 Datasheet HTML 8Page - Analog Devices ADT7519ARQZ1 Datasheet HTML 9Page - Analog Devices ADT7519ARQZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. A | Page 6 of 44
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
5.5
V
VDD Settling Time
50
ms
VDD settles to within 10% of its final voltage level.
IDD (Normal Mode)11
3
mA
VDD = 3.3 V, VIH = VDD, and VIL = GND.
2.2
3
mA
VDD = 5 V, VIH = VDD, and VIL = GND.
IDD (Power-Down Mode)
10
µA
VDD = 3.3 V, VIH = VDD, and VIL = GND.
10
µA
VDD = 5 V, VIH = VDD, and VIL = GND.
Power Dissipation
10
mW
VDD = 3.3 V. Normal mode.
33
µW
VDD = 3.3 V. Shutdown mode.
1 See the
section.
Terminology
2 DC specifications are tested with the outputs unloaded.
3 Linearity is tested using a reduced code range: ADT7516 (Code 115 to 4095); ADT7517 (Code 28 to 1023); ADT7519 (Code 8 to 255).
4 Guaranteed by design and characterization, not production tested.
5 Round robin is the continuous sequential measurement of the following channels: VDD, internal temperature, external temperature (AIN1, AIN2), AIN3, and AIN4.
6 For the amplifier output to reach its minimum voltage, the offset error must be negative. For the amplifier output to reach its maximum voltage (VREF = VDD), the offset
plus gain error must be positive.
7 The SDA and SCL timing is measured with the input filters turned on to meet the fast-mode I2C specification. Switching off the input filters improves the transfer rate
but has a negative effect on the EMC behavior of the part.
8 Guaranteed by design, not production tested.
9 All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD), and timed from a voltage level of 1.6 V.
10 Measured with the load circuit shown in Figure 4.
11 The IDD specification is valid for all DAC codes and full-scale analog input voltages. Interface inactive. All DACs and ADCs active. Load currents excluded.
DAC AC CHARACTERISTICS
Table 2. VDD = 2.7 V to 5.5 V, RL = 4.7 kΩ to GND; CL = 200 pF to GND; 4.7 kΩ to VDD; all specifications TMIN to TMAX, unless
otherwise noted.
Parameter1, 2
Min
Typ3
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VREF = VDD = 5 V.
ADT7519
6
8
µs
1/4 scale to 3/4 scale change (40h to C0h).
ADT7517
7
9
µs
1/4 scale to 3/4 scale change (100h to 300h).
ADT7516
8
10
µs
1/4 scale to 3/4 scale change (400h to C00h).
Slew Rate
0.7
V/µs
Major-Code Change Glitch Energy
12
nV-s
1 LSB change around major carry.
Digital Feedthrough
0.5
nV-s
Digital Crosstalk
1
nV-s
Analog Crosstalk
0.5
nV-s
DAC-to-DAC Crosstalk
3
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V ±0.1 V p-p.
Total Harmonic Distortion
–70
dB
VREF = 2.5 V ±0.1 V p-p. Frequency = 10 kHz.
1 See
section.
Terminology
2 Guaranteed by design and characterization, not production tested.
3 @ 25°C.
SCL
t4
t2
t1
t3
t5
t6
SDA
DATA IN
SDA
DATA OUT
Figure 2. I2C Bus Timing Diagram


Similar Part No. - ADT7519ARQZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7519ARQZ AD-ADT7519ARQZ Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7519ARQZ-REEL AD-ADT7519ARQZ-REEL Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7519ARQZ-REEL7 AD-ADT7519ARQZ-REEL7 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
More results

Similar Description - ADT7519ARQZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
   SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
REV. A
ADT7516 AD-ADT7516_06 Datasheet
1Mb / 44P
   SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
REV. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
   SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
   SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
DAC532A3W TI1-DAC532A3W Datasheet
2Mb / 88P
[Old version datasheet]   DAC53xAxW 10-Bit Three-Channel and Two-Channel Voltage-Output and Current- Output Smart DAC With I2C or SPI
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com