Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9512 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9512
Description  Level shifting hot swappable I2C and SMBus buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9512 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9512 Datasheet HTML 1Page - NXP Semiconductors PCA9512 Datasheet HTML 2Page - NXP Semiconductors PCA9512 Datasheet HTML 3Page - NXP Semiconductors PCA9512 Datasheet HTML 4Page - NXP Semiconductors PCA9512 Datasheet HTML 5Page - NXP Semiconductors PCA9512 Datasheet HTML 6Page - NXP Semiconductors PCA9512 Datasheet HTML 7Page - NXP Semiconductors PCA9512 Datasheet HTML 8Page - NXP Semiconductors PCA9512 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product data sheet
PCA9512
Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
4
FEATURE SELECTION CHART
FEATURES
PCA9510
PCA9511
PCA9512
PCA9513
PCA9514
Idle detect
Yes
Yes
Yes
Yes
Yes
High impedance SDA, SCL pins for VCC = 0 V
Yes
Yes
Yes
Yes
Yes
Rise time accelerator circuitry on all SDA and SCL lines
Yes
Yes
Yes
Yes
Rise time accelerator circuitry hardware disable pin for lightly loaded
systems
Yes
Rise time accelerator threshold 0.8 V vs 0.6 V improves noise margin
Yes
Yes
Ready open drain output
Yes
Yes
Yes
Yes
Two VCC pins to support 5 V to 3.3 V level translation with improved noise
margins
Yes
1 V precharge on all SDA and SCL lines
IN only
Yes
Yes
92
µA current source on SCLIN and SDAIN for PICMG applications
Yes
OPERATION
Start-up
When the PCA9512 is powered up either VCC or VCC2 may rise first
and either may be more positive or they may can be equal, however
the PCA9512 will not leave the under voltage lock out/initialization
state until both VCC and VCC2 have gone above 2.5 V. If either VCC
or VCC2 drops below 2.0 V it will return to the under voltage lock
out/initialization state. In the under voltage lock out state the
connection circuitry is disabled, the rise time accelerators are
disabled, and the precharge circuitry is also disabled. After both VCC
and VCC2 are valid, independent of which is higher, the PCA9512
enters the initialization state, during this state the 1 V precharge
circuitry is activated and pulls up the SDA and SCL pins to 1 V
through individual 100 k
Ω nominal resistors. At the end of the
initialization state the “Stop Bit And Bus Idle” detect circuit is
enabled. When all the SDA and SCL pins have been HIGH for the
bus idle time or when all pins are HIGH and a stop condition is seen
on the SDAIN and SCLIN pins, the connect circuitry is activated,
connecting SDAIN to SDAOUT and SCLIN to SCLOUT. The 1 V
precharge circuitry is disabled when the connection is made, unless
the ACC pin is LOW, the rise time accelerators are enabled at this
time also.
Connection Circuitry
Once the connection circuitry is activated, the behavior of SDAIN
and SDAOUT as well as SCLIN and SCLOUT become identical with
each acting as a bidirectional buffer that isolated the input bus
capacitance from the output bus capacitance while communicating
the logic levels. If VCC ≠ VCC2, then a level shifting function is also
performed between input and output. A LOW forced on either
SDAIN or SDAOUT will cause the other pin to be driven LOW by the
PCA9512. The same is also true for the SCL pins. Noise between
0.7VCC and VCC on the SDAIN and SCLIN pins and 0.7VCC2 and
VCC2 on the SDAOUT and SCLOUT pins is generally ignored
because a falling edge is only recognized when it falls below the
0.7VCC for SDAIN and SCLIN (or 0.7VCC2 for SDAOUT and
SCLOUT pins) with a slew rate of at least 1.25 V/
µs. When a falling
edge is seen on one pin the other pin in the pair turns on a pull down
driver that is reference to a small voltage above the falling pin. The
driver will pull the pin down at a slow rate determined by the driver
and the load. The first falling pin may have a fast or slow slew rate, if
it is faster than the pull down slew rate then the initial pull down rate
will continue until it is LOW. If the first falling pin has a slow slew rate
then the second pin will be pulled down at its initial slew rate only
until it is just above the first pin voltage then they will both continue
down at the slew rate of the first. Once both sides are LOW they will
remain LOW until all the external drivers have stopped driving
LOWs. If both sides are being driven LOW to the same or nearly the
same value by external drivers, which is the case for clock
stretching and is typically the case for acknowledge, and one side
external driver stops driving, that pin will rise and rise above the
nominal offset voltage until the internal driver catches up and pulls it
back down to the offset voltage. This bounce is worst for low
capacitances and low resistances, and may become excessive.
When the last external driver stops driving a LOW, that pin will
bounce up and settle out just above the other pin as both rise
together with a slew rate determined by the internal slew rate control
and the RC time constant. As long as the slew rate is at least 1.25
V/
µs, when the pin voltage exceed 0.6 V the rise time accelerator
circuits are turned on and the pull down driver is turned off. If the
ACC pin is LOW the rise time accelerator circuits will be disabled
but the pull down driver will still turn off.


Similar Part No. - PCA9512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9512A NXP-PCA9512A Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
logo
List of Unclassifed Man...
PCA9512AD ETC1-PCA9512AD Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9512AD NXP-PCA9512AD Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
More results

Similar Description - PCA9512

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
PCA9512ADP PHILIPS-PCA9512ADP Datasheet
320Kb / 27P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 6-1 March 2013
PCA9512A NXP-PCA9512A Datasheet
153Kb / 23P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
logo
List of Unclassifed Man...
PCA9512A ETC1-PCA9512A Datasheet
135Kb / 22P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
logo
NXP Semiconductors
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
logo
NXP Semiconductors
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com