Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T323C474M035AT Datasheet(PDF) 10 Page - Kemet Corporation

Part # T323C474M035AT
Description  T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T323C474M035AT Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T323C474M035AT Datasheet HTML 6Page - Kemet Corporation T323C474M035AT Datasheet HTML 7Page - Kemet Corporation T323C474M035AT Datasheet HTML 8Page - Kemet Corporation T323C474M035AT Datasheet HTML 9Page - Kemet Corporation T323C474M035AT Datasheet HTML 10Page - Kemet Corporation T323C474M035AT Datasheet HTML 11Page - Kemet Corporation T323C474M035AT Datasheet HTML 12Page - Kemet Corporation T323C474M035AT Datasheet HTML 13Page - Kemet Corporation T323C474M035AT Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2039_T322_AXIAL_T323 • 9/9/2015 10
10
Tantalum Through-Hole Capacitors – Molded Axial
T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style)
Recommended Voltage Derating Guidelines
-55°C to 85°C
85°C to 125°C
%ChangeinWorkingDC
Voltage with Temperature
V
R
66% of V
R
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to equivalent
seriesresistance(ESR)andthepowerdissipationcapabilitiesof
thedevice.PermissibleACripplevoltagethatmaybeappliedis
limitedbyfollowingcriteria:
1.Dissipatedpowermustnotexceedthelimitsspecifiedforthe
Series.
2.ThepositivepeakACvoltageplustheDCbiasvoltage,ifany,
mustnotexceedtheDCvoltageratingofthecapacitor.
3. The negative peak AC voltage in combination with bias
voltage,ifany,mustnotexceedtheallowablelimitsspecifiedfor
reverse voltage.
Thermal capacities for the various case sizes have been
determinedempiricallyandarelistedbelow.The“ripplevoltage”
permissiblemaybecalculatedfromtheimpedanceandESRdata
shown in the respective product section.
Temperature Compensation Multipliers
for Maximum Power Dissipation
T≤25°C
T≤85°C
T≤125°C
1.00
0.90
0.40
T= Environmental Temperature
Maximumallowablermsripplevoltageorcurrentmaybe
determined as follows:
I(max) = √P max/R
E(max) = √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = Maximum power dissipation (watts)
R = ESR at specified frequency (ohms)
Case Size
Maximum Power Dissipation
(Pmax) Watts @ 25°C
A
0.060
B
0.070
C
0.080
D
0.090
E
0.100
F
0.110
0%
20%
40%
60%
80%
100%
120%
-55
25
45
85
105
125
Temperature (°C)
% Change in Working DC Voltage with
Temperature
67%


Similar Part No. - T323C474M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T323C474M035AT-C KEMET-T323C474M035AT-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
More results

Similar Description - T323C474M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
   CASE STYLE AND DIMENSIONS
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
logo
List of Unclassifed Man...
M8372376R2025N ETC2-M8372376R2025N Datasheet
1Mb / 23P
   MIL-DTL-83723 Series III Features and Application Bayonet and Threaded Coupling
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com