Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T323D474M035AT Datasheet(PDF) 9 Page - Kemet Corporation

Part # T323D474M035AT
Description  T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T323D474M035AT Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T323D474M035AT Datasheet HTML 5Page - Kemet Corporation T323D474M035AT Datasheet HTML 6Page - Kemet Corporation T323D474M035AT Datasheet HTML 7Page - Kemet Corporation T323D474M035AT Datasheet HTML 8Page - Kemet Corporation T323D474M035AT Datasheet HTML 9Page - Kemet Corporation T323D474M035AT Datasheet HTML 10Page - Kemet Corporation T323D474M035AT Datasheet HTML 11Page - Kemet Corporation T323D474M035AT Datasheet HTML 12Page - Kemet Corporation T323D474M035AT Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2039_T322_AXIAL_T323 • 9/9/2015
99
Tantalum Through-Hole Capacitors – Molded Axial
T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style)
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5
VDC
µF
(See below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
50
0.1
A
T322A104M050A(2)
0.5
3
CX05N104M
T323A104M050A(2)
50
0.12
A
T322A124(1)050A(2)
0.5
3
50
0.15
A
T322A154J050A(2)
0.5
3
50
0.15
A
T322A154K050A(2)
0.5
3
CX05N154K
T323A154K050A(2)
50
0.15
A
T322A154M050A(2)
0.5
3
CX05N154M
T323A154M050A(2)
50
0.18
A
T322A184(1)050A(2)
0.5
3
50
0.22
A
T322A224J050A(2)
0.5
3
50
0.22
A
T322A224K050A(2)
0.5
3
CX05N224K
T323A224K050A(2)
50
0.22
A
T322A224M050A(2)
0.5
3
CX05N224M
T323A224M050A(2)
50
0.27
A
T322A274(1)050A(2)
0.5
3
50
0.33
B
T322B334J050A(2)
0.5
3
50
0.33
B
T322B334K050A(2)
0.5
3
CX05N334K
T323B334K050A(2)
50
0.33
B
T322B334M050A(2)
0.5
3
CX05N334M
T323B334M050A(2)
50
0.39
B
T322B394J050(2)
0.5
3
50
0.39
B
T322B394K050A(2)
0.5
3
CX05N394K
T323B394K050A(2)
50
0.39
B
T322B394M050A(2)
0.5
3
CX05N394M
T323B394M050A(2)
50
0.47
B
T322B474J050A(2)
0.5
3
50
0.47
B
T322B474K050A(2)
0.5
3
CX05N474K
T323B474K050A(2)
50
0.47
B
T322B474M050A(2)
0.5
3
CX05N474M
T323B474M050A(2)
50
0.56
B
T322B564(1)050A(2)
0.5
3
50
0.68
B
T322B684J050A(2)
0.5
3
50
0.68
B
T322B684K050A(2)
0.5
3
CX05N684K
T323B684K050A(2)
50
0.68
B
T322B684M050A(2)
0.5
3
CX05N684M
T323B684M050A(2)
50
0.82
B
T322B824(1)050A(2)
0.5
3
50
1.0
B
T322B105J050A(2)
0.5
3
50
1.0
B
T322B105K050A(2)
0.5
3
CX05N105K
T323B105K050A(2)
50
1.0
B
T322B105M050A(2)
0.5
3
CX05N105M
T323B105M050A(2)
50
1.2
C
T322C125(1)050A(2)
0.5
3
50
1.5
C
T322C155J050A(2)
0.6
4
50
1.5
C
T322C155K050A(2)
0.6
4
CX05N155K
T323C155K050A(2)
50
1.5
C
T322C155M050A(2)
0.6
4
CX05N155M
T323C155M050A(2)
50
1.8
C
T322C185(1)050A(2)
0.7
4
50
2.2
C
T322C225J050A(2)
0.9
4
50
2.2
C
T322C225K050A(2)
0.9
4
CX05N225K
T323C225K050A(2)
50
2.2
C
T322C225M050A(2)
0.9
4
CX05N225M
T323C225M050A(2)
50
2.7
D
T322D275(1)050A(2)
1.1
4
50
3.3
D
T322D335J050A(2)
1.3
4
50
3.3
D
T322D335K050A(2)
1.3
4
CX05N335K
T323D335K050A(2)
50
3.3
D
T322D335M050A(2)
1.3
4
CX05N335M
T323D335M050A(2)
50
3.9
D
T322D395(1)050A(2)
1.6
4
50
4.7
D
T322D475J050A(2)
1.9
4
50
4.7
D
T322D475K050A(2)
1.9
4
CX05N475K
T323D475K050A(2)
50
4.7
D
T322D475M050A(2)
1.9
4
CX05N475M
T323D475M050A(2)
50
5.6
E
T322E565(1)050A(2)
2.2
4
50
6.8
E
T322E685(1)050A(2)
2.7
4
50
8.2
E
T322E825(1)050A(2)
3.2
4
50
10.0
E
T322E106(1)050A(2)
4.0
6
50
12.0
F
T322F126(1)050A(2)
4.8
6
50
15.0
F
T322F156(1)050A(2)
6.0
6
50
18.0
F
T322F186(1)050A(2)
7.2
6
50
22.0
F
T322F226(1)050A(2)
8.8
6
VDC
µF
Case Code/
Case Size
(see below for
part options)
µA @ 25°C
Max/5 Minimum
% @ 25°C
120 Hz Maximum
Military Part Number
KEMET Part Number
Rated
Voltage
Rated
Cap
KEMET Part Number
DC
Leakage
DF
CX01 & CX05 Capacitors per
MIL–PRF–49137/1 & 5
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20%, K for ±10% or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, S = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish.


Similar Part No. - T323D474M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T323D474M035AT-C KEMET-T323D474M035AT-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
More results

Similar Description - T323D474M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
   CASE STYLE AND DIMENSIONS
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
logo
List of Unclassifed Man...
M8372376R2025N ETC2-M8372376R2025N Datasheet
1Mb / 23P
   MIL-DTL-83723 Series III Features and Application Bayonet and Threaded Coupling
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com