Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-344JT Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-344JT
Description  Miller-Current Clamping
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-344JT Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-344JT Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-344JT Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap (Clear-
ance)
L(101)
8.3
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Tracking
(Creepage)
L(102)
8.3
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.5
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between the
emitter and detector.
Tracking Resistance (Comparative
Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110)
Absolute Maximum Ratings
Unless otherwise specified, all voltages at input IC reference to VEE1, all voltages at output IC reference to VEE2.
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
–55
+150
°C
Operating Temperature
TA
–40
+125
°C
IC Junction Temperature
TJ
150
°C
1
Average Input Current
IF(AVG)
20
mA
Peak Transient Input Current
(<1 μs pulse width, 300 pps)
IF(TRAN)
1
A
Reverse Input Voltage
VR
6
V
/Fault Output Current (Sinking)
I/FAULT
10
mA
/Fault Pin Voltage
V/FAULT
–0.5
+6
V
/UVLO Output Current (Sinking)
I/UVLO
10
mA
/UVLO Pin Voltage
V/UVLO
–0.5
+6
V
Positive Input Supply Voltage
VCC1
–0.5
+26
V
Total Output Supply Voltage
VCC2–VEE2
–0.5
+30
V
Negative Output Supply Voltage
VEE2–VE
–15
+0.5
V
2
Positive Output Supply Voltage
VCC2–VE
–0.5
+30
V
Gate-Drive Output Voltage
Vo(peak)
–0.5
VCC2 + 0.5 V
Peak Output Current
|IO(peak)|
2.5
A
3
Peak Clamping Sinking Current
ICLAMP
2
A
3
Miller Clamping Pin Voltage
VCLAMP–VEE2
–0.5
VCC2 + 0.5 V
Desat Voltage
VDESAT–VE
VE – 0.5
VCC2 + 0.5 V
4
Output IC Power Dissipation
PO
580
mW
1
Input IC Power Dissipation
PI
150
mW


Similar Part No. - ACPL-344JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-34JT AVAGO-ACPL-34JT Datasheet
392Kb / 16P
   1.9 A Miller Clamp Sinking Current
More results

Similar Description - ACPL-344JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
ACPL-34JT AVAGO-ACPL-34JT Datasheet
392Kb / 16P
   1.9 A Miller Clamp Sinking Current
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
logo
STMicroelectronics
STGIPL35K120L1 STMICROELECTRONICS-STGIPL35K120L1 Datasheet
512Kb / 19P
   Active Miller clamp feature
February 2013 Rev 4
logo
Intersil Corporation
HFA1130883 INTERSIL-HFA1130883 Datasheet
865Kb / 19P
   Output Clamping, 850MHz Current Feedback Amplifier
logo
Shanghai Leiditech Elec...
L102-201M LEIDITECH-L102-201M Datasheet
432Kb / 3P
   Approximately zero leaking current before clamping voltage
SPG32-501 LEIDITECH-SPG32-501 Datasheet
1,016Kb / 5P
   Approximately zero leaking current before clamping voltage
logo
EXCEL CELL ELECTRONIC C...
ETB13 ECE-ETB13 Datasheet
104Kb / 2P
   CLAMPING TYPE
logo
Festo Corporation.
13289 FESTO-13289 Datasheet
92Kb / 1P
   Clamping module
12/7/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com