Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-BGA256N-61 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # LS-BGA256N-61
Description  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA256N-61 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA256N-61 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.2mm dia. [0.008"]
0.8mm typ.
17mm [0.669"]
17mm
[0.669"]
15.2mm square [0.598"]
0.9mm
[0.035"]
0.9mm [0.035"]
4.55mm
[0.179"]
2.96mm
[0.116"]
Ø 0.42mm (x256) pad [Ø 0.017"]
Status: Released
Drawing: Vinayak R
Scale: 6:1
Rev: B
Date: 9/8/08
Modified: 01/18/13, DH
File: LS-BGA256N-61 Dwg.mcd
LS-BGA256N-61 Drawing
© 2008 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
Pins: material- Brass Alloy 360 1/2 hard; finish-
0.25µm [10µ"] Au over 1.27µm [50µ"] Ni (min.).
Substrate: 1.59mm ±0.18mm [0.0625" ±0.007"]
FR4/G10 or equivalent high temp material. non
clad
2
1
1
2
Top View
Side View
Description: Giga-snaP BGA SMT Land Socket
256 position BGA surface mount land pattern to terminal pins (0.8mm centers, 20x20 array)
RoHS
RoHS


Similar Part No. - LS-BGA256N-61

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA256A-05 IRONWOOD-LS-BGA256A-05 Datasheet
34Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA256A-31 IRONWOOD-LS-BGA256A-31 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice.
LS-BGA256B-05 IRONWOOD-LS-BGA256B-05 Datasheet
32Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA256B-31 IRONWOOD-LS-BGA256B-31 Datasheet
29Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA256E-05 IRONWOOD-LS-BGA256E-05 Datasheet
33Kb / 1P
   Materials and specifications are subject to change without notice
More results

Similar Description - LS-BGA256N-61

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com