Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T323C474M004AS Datasheet(PDF) 1 Page - Kemet Corporation

Part # T323C474M004AS
Description  T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T323C474M004AS Datasheet(HTML) 1 Page - Kemet Corporation

  T323C474M004AS Datasheet HTML 1Page - Kemet Corporation T323C474M004AS Datasheet HTML 2Page - Kemet Corporation T323C474M004AS Datasheet HTML 3Page - Kemet Corporation T323C474M004AS Datasheet HTML 4Page - Kemet Corporation T323C474M004AS Datasheet HTML 5Page - Kemet Corporation T323C474M004AS Datasheet HTML 6Page - Kemet Corporation T323C474M004AS Datasheet HTML 7Page - Kemet Corporation T323C474M004AS Datasheet HTML 8Page - Kemet Corporation T323C474M004AS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2039_T322_AXIAL_T323 • 9/9/2015
1
One world. One KEMET
Benefits
• TapedandreeledperEIASpecificationRS–296
• Laser-marked case
• QualifiedtoMIL–PRF–49137/1and5(CX01andCX05Style)
• Capacitancevaluesof0.1μFto330μF
• Tolerancesof±5%,±10%and±20%(MandKonlytolerances
available for T323 Series)
• Voltageratingof2–50VDC
• Operatingtemperaturerangeof-55˚Cto+85˚C
• Casesizes:A,B,C,D,E,F
Applications
Typicalapplicationsincludedecoupling,blocking,bypassing
andfilteringincommercialcomputers,dataprocessing,
communications, and other electronic equipment. This product is
well-suitedfordecouplingrequiredbyhighspeedcomputersdue
toitslowESR/impedanceathighfrequencies.
Overview
TheKEMETT322andT323Series(CX01andCX05Style)
offers a complete line of extended range molded solid tantalum
capacitorsdesignedspecificallyforhighspeedautomatic
insertionapplications.Thesecapacitorsofferanextremelyhigh
capacitance-to-volume ratio while still maintaining excellent
performance characteristics. Supplied in six axial lead tubular
casesizes,thesecapacitorsareideallysuitedforuseinprinted
wiring boards and all applications requiring a high degree of
packagingdensityandcanbesuppliedinbulkpackagingor
lead-taped on reels. The 322/T323 Series dimensions and tight
leadwire-to-bodyconcentricitypermitinstallationbythesame
automatic insertion equipment used for diodes and resistors.
These capacitors are available in working voltages of 2, 4, 6, 10,
15, 20, 25, 35 and 50 volts. The operating temperature range
-55°Cto+85°Catfullratedvoltageandwith2/385°Crated
voltageat125°C.Thegoldcolorepoxypermitslasermarkingwith
outstandingpermanencyandlegibility.T323Seriescapacitorsare
qualifiedunderMIL–PRF–49137/1and5asMilitaryStyleCX01
andCX05.Typicalapplicationsincludedecoupling,blocking,
bypassingandfilteringincommercialcomputers,dataprocessing,
communications, and other electronic equipment. This product is
well-suitedfordecouplingrequiredbyhighspeedcomputersdue
toitslowESR/impedanceathighfrequencies.
TantalumThrough-HoleCapacitors–MoldedAxial
T322 and T323 Series MIL–PRF–49137/1 and 5
(CX01 and CX05 Style)


Similar Part No. - T323C474M004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T323C474M035AS-C KEMET-T323C474M035AS-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
T323C474M035AT-C KEMET-T323C474M035AT-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
More results

Similar Description - T323C474M004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
   CASE STYLE AND DIMENSIONS
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
logo
List of Unclassifed Man...
M8372376R2025N ETC2-M8372376R2025N Datasheet
1Mb / 23P
   MIL-DTL-83723 Series III Features and Application Bayonet and Threaded Coupling
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com