Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T322E474M004AS Datasheet(PDF) 2 Page - Kemet Corporation

Part # T322E474M004AS
Description  T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T322E474M004AS Datasheet(HTML) 2 Page - Kemet Corporation

  T322E474M004AS Datasheet HTML 1Page - Kemet Corporation T322E474M004AS Datasheet HTML 2Page - Kemet Corporation T322E474M004AS Datasheet HTML 3Page - Kemet Corporation T322E474M004AS Datasheet HTML 4Page - Kemet Corporation T322E474M004AS Datasheet HTML 5Page - Kemet Corporation T322E474M004AS Datasheet HTML 6Page - Kemet Corporation T322E474M004AS Datasheet HTML 7Page - Kemet Corporation T322E474M004AS Datasheet HTML 8Page - Kemet Corporation T322E474M004AS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2039_T322_AXIAL_T323 • 9/9/2015
22
Tantalum Through-Hole Capacitors – Molded Axial
T322 and T323 Series MIL–PRF 49137/1 & 5 (CX01 and CX05 Style)
Ordering Information
T
32X
A
474
M
035
A
T
Capacitor
Class
Series
Case
Size
Capacitance Code
(pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
FailureRate/Military
Product
TerminationFinish
Packaging
T =
Tantalum
Axial Molded Polar
Solid Tantalum.
Insert appropriate
number to replace
letter ""X"" = 322
or 323 (CX01 or
CX05).
A, B,
C,D,
E,F
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros to follow.
J = ±5%
K = ±10%
M = ±20%
002 = 2
004 = 4
006 = 6
010 = 10
015 = 15
020 = 20
025 = 25
035 = 35
050 = 50
Not Applicable
T = 100% tin
S = standard
(solder-coated
nickel)
(Whennecessary)
ReelingperEIA
SpecificationRS-
296
Blank = Bulk
7200=Reel
MIL–PRF–49137/1/5 (CX01 and CX05 Style)
CX
05
D
225
K
Capacitor Class
Series
RatedVoltage
(VDC)
Capacitance
Code(pF)
Capacitance
Tolerance
CX=MIL-PRF
01 = T322
05 = T323
D=6
F=10
H = 15
J = 20
K = 25
M = 35
N = 50
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros to follow.
K = ±10%
M = ±20%
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
-55°C to 125°C
RatedCapacitanceRange
0.1–330μF@120Hz/25°C
Capacitance Tolerance
J Tolerance (5%), K Tolerance (10%), M Tolerance (20%)
RatedVoltageRange
2–50V
DF(120Hz@25°C)
RefertoPartNumberElectricalSpecificationTable
ESRandImpedance(100kHz@25°C)
RefertoPartNumberElectricalSpecificationTable(forreferenceonly)
Leakage Current
RefertoPartNumberElectricalSpecificationTable(@ratedvoltageupto+85°Cand2/3ofrated
voltage applied at 125°C)


Similar Part No. - T322E474M004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T322E474M035AS-C KEMET-T322E474M035AS-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
T322E474M035AT-C KEMET-T322E474M035AT-C Datasheet
197Kb / 19P
   TANTALUM MOLDED
More results

Similar Description - T322E474M004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
   Commercial and MIL Qualified
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
logo
List of Unclassifed Man...
DO204AL ETC-DO204AL Datasheet
13Kb / 1P
   CASE STYLE AND DIMENSIONS
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
logo
List of Unclassifed Man...
M8372376R2025N ETC2-M8372376R2025N Datasheet
1Mb / 23P
   MIL-DTL-83723 Series III Features and Application Bayonet and Threaded Coupling
logo
Glenair, Inc.
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com