Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7476AYKSZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7476AYKSZ-REEL7
Description  2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476AYKSZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7476AYKSZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7476AYKSZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. C
–8–
AD7476A/AD7477A/AD7478A
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . . . . . . –0.3 V to +7 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Input Current to Any Pin except Supplies
2
. . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A and B Grades) . . . . . . . . . –40
°C to +85°C
Industrial (Y Grade) . . . . . . . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
MSOP Package
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . 205.9
°C/W
JC Thermal Impedance . . . . . . . . . . . . . . . . . .
43.74
°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment, and can discharge without detection. Although
the AD7476A/AD7477A/AD7478A feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
SC70 Package
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . 340.2
°C/W
JC Thermal Impedance . . . . . . . . . . . . . . . . . .
228.9
°C/W
Lead Temperature, Soldering
Reflow (10 sec to 30 sec) . . . . . . . . . . . . . . . . 235 (0/+5)
°C
Pb-free Temperature Soldering
Reflow . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 255 (0/+5)
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.


Similar Part No. - AD7476AYKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476AYKSZ-REEL7 AD-AD7476AYKSZ-REEL7 Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
More results

Similar Description - AD7476AYKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com