Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBJ11A07 Datasheet(PDF) 4 Page - Red Lion Controls. Inc

Part # CBJ11A07
Description  MODEL ITMS - INTELLIGENT TEMPERATURE TO MODBUS CONDITIONER W/ ALARMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBJ11A07 Datasheet(HTML) 4 Page - Red Lion Controls. Inc

  CBJ11A07 Datasheet HTML 1Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 2Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 3Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 4Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 5Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 6Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 7Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 8Page - Red Lion Controls. Inc CBJ11A07 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
WIRING CONNECTIONS
All conductors should meet voltage and current ratings for each terminal.
Also, cabling should conform to appropriate standards of good installation, local
codes and regulations. When wiring the module, use the numbers on the label to
identify the position number with the proper function. Strip the wire, leaving
approximately 1/4" (6 mm) of bare wire exposed. Insert the wire into the
terminal, and tighten the screw until the wire is clamped tightly. (Pull wire to
verify tightness.) Each terminal can accept up to one #14 AWG (2.55 mm), two
#18 AWG (1.02 mm), or four #20 AWG (0.61 mm) wires.
MODULE POWER CONNECTIONS
AC module power is connected to terminals 1 and 2. DC module power is
connected with (+) to terminal 1 and (-) to terminal 2. For best results, the power
should be relatively “clean” and within the specified limits. Drawing power
from heavily loaded circuits or from circuits that also power loads that cycle on
and off should be avoided. It is recommended that power supplied to the module
be protected by a fuse or circuit breaker.
INPUT CONNECTIONS
Thermocouple Input
Thermocouple leads are connected to terminals 11 (+) and 12 (-).
RTD Input
For 3-wire RTD elements, connect the sense leads to terminals 11 and 12. The
excitation lead is connected to terminal 10 (EXC).
For 2-wire RTD elements, connect the sense leads to terminals 11 and 12.
Install a copper sense lead of the same gauge and length as the RTD leads.
Attach one end of the wire at the probe and the other end to terminal 10.
Complete lead wire compensation is obtained. This is the preferred method. If a
sense wire is not used, then Terminal 11 should be shorted to terminal 10. A
temperature offset error will exist. The error may be compensated by
programming a temperature offset.
RELAY OUTPUT CONNECTIONS
Relay 1
Relay 1 is a Form A output relay. Wiring is connected between terminal 9
(COMM.) common and terminal 8 (N.O.) the normally open contact.
Relay 2
Relay 2 is a Form C output relay. Wiring is connected between terminal 4
(COMM.) common and either terminal 5 (N.O.), the normally open contact, or
terminal 3 (N.C.), the normally closed contact.
To prolong contact life and suppress electrical noise interference due to the
switching of inductive loads, it is good installation practice to install a snubber
across the contacts. Follow the manufacturer’s instructions for installation.
Note: Snubber leakage current can cause some high impedance loads to be held ON.
DEFAULT SERIAL SETTING CONNECTION
If the ITMS settings are unknown, or forgotten, they can be reset to the
factory defaults by connecting the Serial Default terminal 7 to Input Comm.
terminal 12 with a jumper, and then cycling power.
Defaults:
USER INPUT CONNECTION
The user input is activated when terminal 6 is pulled low (connected to Input
Comm. terminal 12).
RS485 SERIAL CONNECTIONS
There are two RJ-11 connectors located on the bottom for paralleling
communications. For single device communications, either connector can be
used. When used in conjunction with Red Lion Control Paradigm HMI products,
reverse A+ and B- wiring.
RJ11
ITMS
1
Not used
2B-
3A+
4
COMM
5
TXEN
6
2 345
Not used
ITMS CONNECTOR
STEP 1 WIRING THE MODULE
STEP 2 INSTALLING SFIMS (Software for Intelligent Modules)
Insert the SFIMS diskette into the A: or B: drive. Then Run A:\SETUP
(or B:\SETUP) to install RLCPro onto the hard drive. An icon labeled
RLCPro will be created under the group RLCPro.
Protocol:
RTU
8
Data Bits:
Address:
247
none
Parity:
Baud Rate: 9600


Similar Part No. - CBJ11A07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBJ11BD5 ETC2-CBJ11BD5 Datasheet
462Kb / 2P
   RJ ADAPTERS CABLES
logo
Red Lion Controls. Inc
CBJ11BD5 REDLION-CBJ11BD5 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
CBJ11BD5 REDLION-CBJ11BD5 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
CBJ11C07 REDLION-CBJ11C07 Datasheet
238Kb / 8P
   MODEL DLCD ??DUAL LOOP CONTROLLER w/ DH-485
More results

Similar Description - CBJ11A07

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
5251P SYSTEMSENSOR-5251P Datasheet
41Kb / 4P
   Intelligent Plug-In Model Fixed Temperature Sensor
logo
Schneider Electric
METSEPM5110 SCHNEIDER-METSEPM5110 Datasheet
182Kb / 4P
   PM5110 Meter, modbus, up to 15th H, 1DO 33 alarms
METSEPM5330 SCHNEIDER-METSEPM5330 Datasheet
174Kb / 4P
   PM5330 Meter, modbus, up to 31st H, 256K 2DI/2DO 35 alarms
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
   Thermocouple Temperature Signal Input Alarms
logo
WAGO Kontakttechnik Gmb...
789-621 WAGO-789-621 Datasheet
253Kb / 5P
   Current signal conditioner; Current input signal: 140 ADC; Modbus RTU;
789-622 WAGO-789-622 Datasheet
418Kb / 5P
   Current signal conditioner; Current input signal: 50 AAC; Modbus RTU;
789-620 WAGO-789-620 Datasheet
399Kb / 5P
   Current signal conditioner; Current input signal: 80 ADC; Modbus RTU;
logo
E+E Elektronik Ges.m.b....
EE074 EPLUSE-EE074 Datasheet
1Mb / 8P
   Temperature Probe with Modbus RTU
03-2023
logo
MKS Instruments.
AX2500 MKS-AX2500 Datasheet
225Kb / 4P
   mODEL ax2500 sERIES iNTELLIGENT mICROWAVE pOWER GENERATORS
logo
NHP Electrical Engineer...
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
   PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com