Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBJ11BD5 Datasheet(PDF) 8 Page - Red Lion Controls. Inc

Part # CBJ11BD5
Description  MODEL ITMS - INTELLIGENT TEMPERATURE TO MODBUS CONDITIONER W/ ALARMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CBJ11BD5 Datasheet(HTML) 8 Page - Red Lion Controls. Inc

Back Button CBJ11BD5 Datasheet HTML 4Page - Red Lion Controls. Inc CBJ11BD5 Datasheet HTML 5Page - Red Lion Controls. Inc CBJ11BD5 Datasheet HTML 6Page - Red Lion Controls. Inc CBJ11BD5 Datasheet HTML 7Page - Red Lion Controls. Inc CBJ11BD5 Datasheet HTML 8Page - Red Lion Controls. Inc CBJ11BD5 Datasheet HTML 9Page - Red Lion Controls. Inc CBJ11BD5 Datasheet HTML 10Page - Red Lion Controls. Inc CBJ11BD5 Datasheet HTML 11Page - Red Lion Controls. Inc CBJ11BD5 Datasheet HTML 12Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
STEP 7 PC PORT CONFIGURATION
STEP 8 DOWNLOADING
Go to the SETTINGS pull-down menu, and select PC PORT SETTINGS.
The Communications Settings window allows you to set up the software properly to perform a download.
Connection: Select the computer port (COMM 1-4) that the ITMS is connected to.
Note: The following settings must match the ITMS. If you do not know or cannot recall the ITMS settings, they can
be reset back to factory defaults. Simply jumper the Serial Default terminal to Common, and cycle power. The
serial settings will default to RTU mode, 9600 baud, 8 data bits, No parity, with an address of 247.
Protocol: RTU or ASCII
Unit Address: 1-247
Baud Rate: 300, 600, 1200, 2400, 4800, 9600, 19200, 38400
Data Bits: 7 or 8
Parity: odd, even, or none
Note: The CBPRO007 download cable DOES NOT
typically require power. In most cases it will derive
its power from the PC. If communications can not be
established, follow the troubleshooting guide. If it is
determined that the converter requires power, attach
a 12 VDC power supply to the VDC and common
terminals of the cable.
Go to the FILE pull-down menu, and select DOWNLOAD.
The following screen prompts you to
ensure that the proper file is downloaded
to the correct module. Click “OK” to
continue.
Connect the ITMS to the computer with the CBPRO007 interface cable (or any suitable RS232/RS485 converter).
Apply 18-36 VDC to the supply terminals of the ITMS.


Similar Part No. - CBJ11BD5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBJ11BD5 ETC2-CBJ11BD5 Datasheet
462Kb / 2P
   RJ ADAPTERS CABLES
logo
Red Lion Controls. Inc
CBJ11BD5 REDLION-CBJ11BD5 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
CBJ11BD5 REDLION-CBJ11BD5 Datasheet
1Mb / 28P
   DUAL LOOP CONTROLLER
More results

Similar Description - CBJ11BD5

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
5251P SYSTEMSENSOR-5251P Datasheet
41Kb / 4P
   Intelligent Plug-In Model Fixed Temperature Sensor
logo
Schneider Electric
METSEPM5110 SCHNEIDER-METSEPM5110 Datasheet
182Kb / 4P
   PM5110 Meter, modbus, up to 15th H, 1DO 33 alarms
METSEPM5330 SCHNEIDER-METSEPM5330 Datasheet
174Kb / 4P
   PM5330 Meter, modbus, up to 31st H, 256K 2DI/2DO 35 alarms
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
   Thermocouple Temperature Signal Input Alarms
logo
WAGO Kontakttechnik Gmb...
789-621 WAGO-789-621 Datasheet
253Kb / 5P
   Current signal conditioner; Current input signal: 140 ADC; Modbus RTU;
789-622 WAGO-789-622 Datasheet
418Kb / 5P
   Current signal conditioner; Current input signal: 50 AAC; Modbus RTU;
789-620 WAGO-789-620 Datasheet
399Kb / 5P
   Current signal conditioner; Current input signal: 80 ADC; Modbus RTU;
logo
E+E Elektronik Ges.m.b....
EE074 EPLUSE-EE074 Datasheet
1Mb / 8P
   Temperature Probe with Modbus RTU
03-2023
logo
MKS Instruments.
AX2500 MKS-AX2500 Datasheet
225Kb / 4P
   mODEL ax2500 sERIES iNTELLIGENT mICROWAVE pOWER GENERATORS
logo
NHP Electrical Engineer...
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
   PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com