Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4810107 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # P4810107
Description  MODEL P48 - 1/16 DIN PROCESS CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

P4810107 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  P4810107 Datasheet HTML 1Page - Red Lion Controls. Inc P4810107 Datasheet HTML 2Page - Red Lion Controls. Inc P4810107 Datasheet HTML 3Page - Red Lion Controls. Inc P4810107 Datasheet HTML 4Page - Red Lion Controls. Inc P4810107 Datasheet HTML 5Page - Red Lion Controls. Inc P4810107 Datasheet HTML 6Page - Red Lion Controls. Inc P4810107 Datasheet HTML 7Page - Red Lion Controls. Inc P4810107 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Program Lock
Integral Action Lock
Auto/Manual Mode Select
Setpoint Ramp Enable
Reset Alarms
Setpoint 1/Setpoint 2 Select
Local/Remote Setpoint Select
Serial block print
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in the
manual or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
Do not use the P48 to directly command motors, valves, or other actuators not
equipped with safeguards. To do so can be potentially harmful to persons or
equipment in the event of a fault to the controller. An independent and redundant
process limit indicator with alarm outputs is strongly recommended.
SPECIFICATIONS
1. DISPLAY: Dual 4-digit
Upper Process Display: 0.4" (10.2 mm) high red LED
Lower Auxiliary Display: 0.3" (7.6 mm) high green LED
Display Messages:
“OLOL”
- Appears when measurement exceeds + input range.
“ULUL”
- Appears when measurement exceeds - input range.
“SENS”
- Appears when measurement exceeds controller limits.
“...”
- Appears when display values exceed + display range.
“-..”
- Appears when display values exceed - display range.
LED Status Annunciators:
%P
- Lower auxiliary display shows power output in (%).
MN
- Flashing: Controller is in manual mode.
On: Local Setpoint (Remote Setpoint option)
Off: Remote Setpoint
DV
- Lower auxiliary display shows deviation (error) from
setpoint.
O1
- Main control output is active.
A1
- Alarm #1 is active (for A1 option).
A2
- Alarm #2 is active OR
- Secondary output (02) is active.
2. POWER:
AC Versions: 85 VAC min. to 250 VAC max., 50 to 60 Hz, 8 VA max.
DC Versions:
DC Power: 18 to 36 VDC; 7 W
AC Power: 24 VAC
10%; 50 to 60 Hz, 9 VA
3. CONTROLS: Four front panel push buttons for modification and setup of
controller functions and one external user input for parameter lockout or other
functions.
4. MEMORY: Nonvolatile E2 PROM retains all programmable parameters
and values.
5. RANGE AND ACCURACY:
* Accuracies are expressed as
percentages after 20 minutes warm-up. The
controller’s accuracy is specified in two ways: accuracy over an 18 to 28°C
range at 10 to 75% RH environment; and accuracy over a 0 to 50°C range
at 0 to 85% RH (non-condensing) environment. Accuracy over the wide
sensor range reflects the coefficient of the internal circuitry.
6. MAIN SIGNAL INPUT:
Sample Period: 100 msec
Response Time: Less than 300 msec typ., 400 msec max. (to within 99% of
final value w/step input; typically, response is limited to response time of
sensor)
Normal Mode Rejection: 40 dB @ 50/60 Hz (improves with increased
digital filtering.)
Common Mode Rejection: Greater than 120 dB, DC to 60 Hz
Protection: Input overload 120 VAC max. for 15 sec. max.
7. USER INPUT: Internally pulled up to +5 VDC (1 M
).
VIN MAX = 5.25 VDC; VIL = 0.85 V max.; VIH = 3.65 V min.;
IOFF = 1μA max.
Response Time: 120 msec max.
Functions:
8. CONTROL AND ALARM OUTPUTS:
Relay outputs with Form A contacts:
Contact Rating: 3 A @ 250 VAC or 30 VDC (resistive load)
1/10 HP @ 120 VAC (inductive load)
Life Expectancy: 100,000 cycles at max. load rating.
(Decreasing load and/or increasing cycle time, increases life
expectancy.)
9. MAIN CONTROL:
Control: PID or ON/OFF
Output: Time proportioning or Linear DC
Cycle time: Programmable
Auto-tune: When selected, sets proportional band, integral time, and
derivative time values.
10. ALARMS: 1 or 2 alarms (optional)
Modes:
Reset Action: Programmable; automatic or latched
Standby Mode: Programmable; enable or disable
Hysteresis: Programmable
Annunciator: LED backlight for “A1”, “A2”
11. SECONDARY OUTPUT: Software selectable (overrides alarm 2)
Control: PID or ON/OFF
Output: Time Proportioning
Cycle time: Programmable
Proportional Gain Adjust: Programmable
Deadband /Overlap: Programmable
12. MAIN AND SECOND LINEAR DC OUTPUT: (optional)
Main: Control or re-transmission, programmable update rate from 0.1 sec to
250 sec
Second: Re-transmission only, fixed update rate of 0.1 sec
OUTPUT **
RANGE
ACCURACY *
(18 to 28°C)
ACCURACY *
(0 to 50°C)
COMPLIANCE
RESOLUTION
0 to 10 V
0.10% of FS
+ 1/2 LSD
0.30% of FS
+ 1/2 LSD
10k ohm min.
1/3500
0 to 20 mA
0.10% of FS
+ 1/2 LSD
0.30% of FS
+ 1/2 LSD
500 ohm max.
1/3500
4 to 20 mA
0.10% of FS
+ 1/2 LSD
0.30% of FS
+ 1/2 LSD
500 ohm max.
1/2800
* Accuracies are expressed as
percentages after 20 minutes warm-up. Output
accuracy is specified in two ways: Accuracy over an 18 to 28°C range at 10
to 75% RH environment; and accuracy over a 0 to 50°C range at 0 to 85%
RH (non-condensing) environment. Accuracy over the wide sensor range
reflects the coeffecient of the internal circuitry.
** Outputs are independently jumper selectable for either 10 V or 20 mA. The
output range may be field calibrated to yield approximately 10% overrange
and a small underrange (negative) signal.
13. REMOTE SETPOINT INPUT: (optional)
Input type: 0/4 to 20 mA
Input Resistance: 10
Overrange: -5% to 105%
Overload: 100 mA (continuous)
Scale Range: -999 to 9999
Resolution: 1 part in 10,000.
Accuracy:
At 25
° C:
(0.1 % of full scale +½ LSD)
Over 0 to 50
°C range:
(0.2% of full scale +½ LSD)
Reading Rate: 10/sec.
Setpoint Filtering: Programmable Digital
Setpoint Ramping: Programmable, 1 to 9999 units/minute.
14. SERIAL COMMUNICATIONS: (optional)
Type: RS485 multipoint, balanced interface
Baud Rate: 300 to 9600
Data Format: 7O1, 7E1, 7N2, 8N1
Node Address: 0 to 99, max of 32 units per line
Transmit Delay: 2 to 100 msec or 100 to 200 msec
Data Encoding: ASCII
Isolation w.r.t Main Input Common: 500 Vrms for 1 min. (50 V working)
Not isolated w.r.t. Remote Setpoint or Analog Output common
Note: RS485 and the Analog Output commons are not internally isolated
within the controller. The terminating equipment of these outputs must not
share the same common (ie. earth ground).
15. ENVIRONMENTAL CONDITIONS:
Operating Range: 0 to 50°C
Storage Range: -40 to 80°C
Operating and Storage Humidity:
85% max. relative humidity (non-condensing) from 0°C to 50°C.
Vibration According to IEC 68-2-6: Operational 5 to 150 Hz, in X, Y, Z
direction for 1.5 hours, 2 g.
Shock According to IEC 68-2-27: Operational 20 g (10 g relay), 11 msec
in 3 directions.
Altitude: Up to 2000 meters
Absolute high acting
Absolute low acting
Deviation high acting
Deviation low acting
Inside band acting
Outside band acting
INPUT
RANGE
ACCURACY *
(0 to 50°C)
IMPEDANCE
RESOLUTION
10 VDC
(-1 to 11)
0.30% of
reading
+0.03 V
1 M ohm
300 V
10 mV
20 mA DC
(-2 to 22)
0.30% of
reading
+0.04 mA
10 ohm
100 mA
10 μA
ACCURACY *
(18 to 28°C)
MAX
CONTINUOUS
OVERLOAD
0.10% of
reading
+0.02 V
0.10% of
reading
+0.03 mA


Similar Part No. - P4810107

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
P4810111 REDLION-P4810111 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4810115 REDLION-P4810115 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4810117 REDLION-P4810117 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P481011A REDLION-P481011A Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
More results

Similar Description - P4810107

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Extech Instruments Corp...
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
   1/16 DIN Process Controller
logo
Red Lion Controls. Inc
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4820000 REDLION-T4820000 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
logo
Extech Instruments Corp...
96VTR EXTECH-96VTR Datasheet
273Kb / 15P
   1/4 DIN Process Controller
logo
Red Lion Controls. Inc
PSC11004 REDLION-PSC11004 Datasheet
1Mb / 8P
   MODEL PSC - PROCESS SETPOINT CONTROLLER
logo
Extech Instruments Corp...
48PH EXTECH-48PH Datasheet
185Kb / 1P
   pH Controller 1/16 DIN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com