Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCU11002 Datasheet(PDF) 7 Page - Red Lion Controls. Inc

Part # TCU11002
Description  MODEL TCU - TEMPERATURE CONTROL UNIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

TCU11002 Datasheet(HTML) 7 Page - Red Lion Controls. Inc

Back Button TCU11002 Datasheet HTML 2Page - Red Lion Controls. Inc TCU11002 Datasheet HTML 3Page - Red Lion Controls. Inc TCU11002 Datasheet HTML 4Page - Red Lion Controls. Inc TCU11002 Datasheet HTML 5Page - Red Lion Controls. Inc TCU11002 Datasheet HTML 6Page - Red Lion Controls. Inc TCU11002 Datasheet HTML 7Page - Red Lion Controls. Inc TCU11002 Datasheet HTML 8Page - Red Lion Controls. Inc TCU11002 Datasheet HTML 9Page - Red Lion Controls. Inc TCU11002 Datasheet HTML 10Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Configuration 6, Serial Communications *
“bAUd” - Select baud rate
“PArb” - Select parity bit
“Addr” - Enter unit address number
“Abrv” - Select abbreviated or full mnemonic
transmissions
“PrAt” - Enter automatic print rate
“PoPt” - Select parameters to be included in print-out
Configuration 7, Second Input *
“OPEr” - Select remote setpoint or internal
cascade mode
“root”
- Select second input square root linearization
“dPt2” - Select second input decimal point
“dSP1” - Enter scaling parameters of second input
“INP1” - Enter scaling parameters of second input
“dSP2” - Enter scaling parameters of second input
“INP2” - Enter scaling parameters of second input
“SPtr” - Enter local/remote select options
“OPd2” - Enter Secondary output control dampening
Configuration 8, Motorized Valve Positioner *
Position mode: “VPS1” - Enter or measure valve closed position
“VPS2” - Enter or measure valve open position
“VUdt” - Enter valve update time
“VPdb” - Enter valve control deadband
“VFAL” - Enter valve fail detect time
Velocity mode: “VUdt” - Enter valve update time
“VOPt” - Enter valve open time
“VCLt” - Enter valve close time
“VONt” - Enter valve control deadband
(minimum on time)
HIDDEN FUNCTION MODE *
The hidden function mode is accessible from the normal operating mode. The
four functions in this mode may be locked-out individually in configuration 3
parameter lock-out section.
“SPSL” - Select Local/Remote Setpoint
“trnF”
- Transfer between automatic (PID) control
and manual control
“tUNE” - Invoke/cancel PID Auto-tune
“ALrS” - Reset latched alarms
PROTECTED PARAMETERS MODE *
The protected parameters mode is enabled when program disable is active.
This mode prevents access to the configuration modes without the proper access
code number. Only the parameters that are selected in the configuration 3
parameter lock-out section can be accessed.
“ProP” - Enter Proportional band
“Intt”
- Enter integral time
“dErt”
- Enter derivative time
“rtio”
- Enter remote setpoint ratio value
“bIAS” - Enter remote setpoint bias value
“SP-2” - Enter internal cascade, secondary setpoint
“Pb-2” - Enter internal cascade, secondary
proportional band
“It-2”
- Enter internal cascade, secondary
integral time
“dt-2”
- Enter internal cascade, secondary
derivative time
“AL-1” - Enter value for alarm #1
“AL-2” - Enter value for alarm #2
“CodE” - Enter access value to unprotected
parameters & configuration parameters
* These parameters may not appear due to option configuration or other
programming.
ACCESSORY - EXTERNAL RLY50000 SSR
POWER UNIT SHOWN
(External DIN Rail mount SSR power units available)
The external SSR Power Unit is used with the Logic/SSR Drive Module
(OMD00003) to switch loads up to 240 VAC @ 45 amps, 25°C ambient.
The unit is operated by applying a low level DC control signal to the
isolated input. The unit features zero cross detection circuits which reduces
radiated RFI when switching load currents. With no contacts to wear out,
the SSR Power Unit provides virtually limitless operational life. The unit is
supplied with an integral heat sink for immediate installation.
2.62
(66.5)
4.75 (121)
4.56 (116)
CENTERS FOR #8 SCREWS
4.50
5.50
(114)
(140)
0.20 (TYP.)
(5.1)
(5.5)
0.22 (TYP.)
7
ACCESSORY - CT005001 CURRENT
TRANSFORMER SHOWN
(Lower current CT available)
The external Current Transformer is used when specifying TCUs
equipped with the Heater Current Monitor. The primary current rating is 50
amperes.
(28.7)
1.13
(61.0)
2.40
H1
(31.8)
2.68
1.25
(67.8)
(27.9)
1.75
(44.5)
1.10
1.60
(40.6)
2X #8-32UNC TERMINAL
X1
.44
(11.2)
(7.9)
(6.9)
4X .27
4X .31
(24.4)
.96
(50.8)
2.00


Similar Part No. - TCU11002

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TCU11002 REDLION-TCU11002 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
More results

Similar Description - TCU11002

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TCU10000 REDLION-TCU10000 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00002 REDLION-TCU00002 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00000 REDLION-TCU00000 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
logo
DISCO Corporation
DTU162 DISCO-DTU162 Datasheet
207Kb / 1P
   Water Temperature Control Unit
DTU152 DISCO-DTU152 Datasheet
122Kb / 2P
   Water Temperature Control Unit
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
   control unit
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
   Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
   Interrupt Control Unit
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
   VIIC CONTROL UNIT
logo
Pepperl+Fuchs Inc.
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com