Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCU11004 Datasheet(PDF) 9 Page - Red Lion Controls. Inc

Part # TCU11004
Description  MODEL TCU - TEMPERATURE CONTROL UNIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

TCU11004 Datasheet(HTML) 9 Page - Red Lion Controls. Inc

Back Button TCU11004 Datasheet HTML 2Page - Red Lion Controls. Inc TCU11004 Datasheet HTML 3Page - Red Lion Controls. Inc TCU11004 Datasheet HTML 4Page - Red Lion Controls. Inc TCU11004 Datasheet HTML 5Page - Red Lion Controls. Inc TCU11004 Datasheet HTML 6Page - Red Lion Controls. Inc TCU11004 Datasheet HTML 7Page - Red Lion Controls. Inc TCU11004 Datasheet HTML 8Page - Red Lion Controls. Inc TCU11004 Datasheet HTML 9Page - Red Lion Controls. Inc TCU11004 Datasheet HTML 10Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
ORDERING INFORMATION
MODELS WITHOUT SECOND INPUT OPTIONS
HEATER CURRENT MONITOR MODELS (HCM)
SECOND ANALOG INPUT MODELS (ANA)
MOTORIZED VALVE POSITIONER MODELS (MVP)
ACCESSORIES
9
Type 4X/IP65
BEZEL
4 to 20 mA
ANALOG
OUTPUT
0 to 10 VDC
ANALOG
OUTPUT
ALARM
OUTPUTS
COOLING
OUTPUT
RS485 COM
PART NUMBER
115/230 VAC
NO
NO
NO
NO
NO
NO
TCU00000
NO
NO
NO
2
NO
NO
TCU00001
NO
NO
NO
1
YES
NO
TCU00002
NO
YES
NO
2
NO
NO
TCU01001
NO
YES
NO
2
NO
YES
TCU01004
NO
YES
NO
1
YES
YES
TCU01005
YES
NO
NO
NO
NO
NO
TCU10000
YES
NO
NO
2
NO
NO
TCU10001
YES
NO
NO
1
YES
NO
TCU10002
YES
YES
NO
2
NO
NO
TCU11001
YES
YES
NO
1
YES
NO
TCU11002
YES
YES
NO
2
NO
YES
TCU11004
YES
YES
NO
1
YES
YES
TCU11005
YES
NO
YES
2
NO
NO
TCU12001
YES
NO
YES
2
NO
YES
TCU12004
YES
NO
YES
1
YES
YES
TCU12005
These models have dual alarm outputs, or single alarm with cooling outputs, with shared common terminals (Form A
Type). As a result, these outputs should be fitted with the same type of output module. The main output (OP1) may be
fitted with any type of output module.
Type 4X/IP65
BEZEL
4 to 20 mA
ANALOG
OUTPUT
0 to 10 VDC
ANALOG
OUTPUT
ALARM
OUTPUTS
COOLING
OUTPUT
RS485 COM
PART NUMBER
YES
NO
NO
2
NO
YES
TCU10204
YES
YES
NO
2
NO
NO
TCU11208
These models have dual alarm outputs, or single alarm with cooling outputs, with shared
common terminals (Form A Type). As a result, these outputs should be fitted with the same type
of output module. The main output (OP1) may be fitted with any type of output module.
Type 4X/IP65
BEZEL
4 to 20 mA
ANALOG
OUTPUT
0 to 10 VDC
ANALOG
OUTPUT
ALARM
OUTPUTS
COOLING
OUTPUT
RS485 COM
PART NUMBER
YES
NO
NO
2
NO
YES
TCU10104
YES
YES
NO
2
NO
NO
TCU11108
YES
NO
YES
2
NO
NO
TCU12108
These models have dual alarm outputs, or single alarm with cooling outputs, with shared
common terminals (Form A Type). As a result, these outputs should be fitted with the same
type of output module. The main output (OP1) may be fitted with any type of output module.
Type 4X/IP65
BEZEL
4 to 20 mA
ANALOG
OUTPUT
0 to 10 VDC
ANALOG
OUTPUT
ALARM
OUTPUTS
COOLING
OUTPUT
RS485 COM
PART NUMBER
YES
NO
NO
1
NO
YES
TCU10307
YES
YES
NO
1
NO
NO
TCU11306
YES
NO
YES
1
NO
NO
TCU12306
DESCRIPTION
PART NUMBER
Relay Module
OMD00000
Triac Module
OMD00001
Logic/SSR Drive Module
OMD00003
45 A Single Phase Panel Mount SSR
RLY50000
25 A Single Phase DIN Rail Mount SSR
RLY60000
40 A Single Phase DIN Rail Mount SSR
RLY6A000
25 A Three Phase DIN Rail Mount SSR
RLY70000
50:0.1 Ampere Current Transformer
CT005001
40:0.1 Ampere Current Transformer
CT004001
Note: Output Modules are NOT supplied with the controller. When specifying the controller, be
sure to purchase the appropriate output module for the Main Control Output and if necessary,
the alarm output(s), the cooling output, and valve positioner outputs. The controller can be
fitted with any combination of output modules.
The Logic/SSR Drive Module is a switched DC source, intended to drive the DC input of an
SSR power unit. It should never be connected to line voltage.
All output modules are packaged separately and must be installed by the user.


Similar Part No. - TCU11004

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TCU11004 REDLION-TCU11004 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
More results

Similar Description - TCU11004

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TCU10000 REDLION-TCU10000 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00002 REDLION-TCU00002 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00000 REDLION-TCU00000 Datasheet
1Mb / 10P
   MODEL TCU - TEMPERATURE CONTROL UNIT
logo
DISCO Corporation
DTU162 DISCO-DTU162 Datasheet
207Kb / 1P
   Water Temperature Control Unit
DTU152 DISCO-DTU152 Datasheet
122Kb / 2P
   Water Temperature Control Unit
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
   control unit
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
   Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
   Interrupt Control Unit
logo
Mallory performance clu...
674 MALLORY-674 Datasheet
396Kb / 4P
   VIIC CONTROL UNIT
logo
Pepperl+Fuchs Inc.
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com