Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC11001 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # TSC11001
Description  MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

TSC11001 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  TSC11001 Datasheet HTML 1Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 2Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 3Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 4Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 5Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 6Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 7Page - Red Lion Controls. Inc TSC11001 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
(134.4)
(137.4)
.40
(49.5)
(10.2)
PAR
1.95
PGM
%PW
DSP
AL1
MAN
OP1 AL2
(96.5)
3.80
5.29
5.41
(44.4)
1.75
3.60
(91.4)
(45 )
+.6
(92 )
3.62
-.0
+.03
-.0
+.8
-.00
+.02
-.00
1.77
1
SETPOINT PROGRAM CONTROLLER FOR TIME VS.
TEMPERATURE (RAMP/SOAK) AND SPECIAL BATCH/RECIPE
APPLICATIONS
ADVANCED PROGRAM PROFILING IN A 1/8 DIN PACKAGE
ON-LINE MONITORING AND CONTROL OF PROGRAM STATUS,
TIME, AND SETPOINT VALUE (Program Run, Pause, Stop,
Advance, Modify Time, & Setpoint Value)
AUTOMATIC PROGRAM DELAY FOR PROFILE CONFORMITY,
PLUS PROGRAM LINKING, REPEATING AND AUTO POWER-ON
FUNCTIONS FOR ENHANCED CAPABILITY
DUAL EVENT OUTPUTS FOR TIMED ACTIVATION OF PROCESS
EQUIPMENT SUCH AS STIRRERS, FANS, HEATERS, ETC. (Uses
Alarm Output Channels)
FOUR SETPOINT & PID PARAMETER SETS FOR QUICK RECALL
OF SETPOINTS AND/OR GAIN VALUES DURING BATCH OR
PROCESS CHANGEOVER
PROGRAMMABLE USER INPUT FOR CONTROLLER AND
SETPOINT PROGRAM CONTROL
100 MSEC SAMPLING PERIOD WITH 0.15% ACCURACY
ON DEMAND AUTO-TUNING OF PID CONTROL SETTINGS
DUAL LED DISPLAYS FOR SIMULTANEOUS INDICATION OF
TEMPERATURE AND SETPOINT OR TEMPERATURE AND
PROFILE STATUS
ACCEPTS ANY ONE OF 10 DIFFERENT TYPES OF SENSOR
INPUTS (Thermocouple or RTD)
FIELD REPLACEABLE AND INTERCHANGEABLE OUTPUT
MODULES (Relay, Logic/SSR drive, and Triac)
OPTIONAL DUAL ALARM OUTPUTS (Uses Output Modules)
OPTIONAL COOLING OUTPUT (Uses Output Module)
OPTIONAL LINEAR 4 to 20 mA or 0 to 10 VDC OUTPUT FOR
CONTROL OR TEMPERATURE RE-TRANSMISSION
OPTIONAL RS485 SERIAL COMMUNICATIONS INTERFACE
OPTIONAL TYPE 4X/IP65 SEALED FRONT BEZEL
DESCRIPTION
The TSC is a setpoint controller suitable for time vs. temperature, process
control applications. The TSC accepts signals from a variety of temperature
sensors (thermocouple and RTD elements), precisely displays the process
temperature, and provides an accurate output control signal (time proportional
or linear) to maintain a process at the desired control point. A comprehensive set
of easy to use steps allows the controller to satisfy various applications. The user
input can be programmed to perform a variety of controller functions.
Dual 4-digit displays allow viewing of the measured temperature value and
setpoint or temperature and profile status simultaneously. Front panel indicators
inform the operator of controller status and output states. Replaceable output
modules (Relay, logic/SSR drive or Triac) can be fitted to the main control output,
alarm output(s) or timed event output(s), and cooling output.
The TSC has been designed to simplify the set-up and operation of a controlled
setpoint profile program. The setpoint program is easily entered and controlled
through the front panel. Full display capabilities keep the operator informed of the
process temperature, profile status, output states, and setpoint value.
The controller can operate in the standard PID control mode for both heating
or cooling with on-demand auto-tune which establishes the PID gain set. The
PID gain set can be fine tuned by the operator at any time or may be locked from
further modification. The unit can be transferred to the manual control mode
providing the operator with direct control of the output.
The TSC features four programs or profile recipes, each with up to eight
ramp/soak segments, which can be easily stored and executed at any time.
Longer profiles can be achieved by linking one or more profiles together,
creating a single profile of up to 32 ramp/soak segments. Temperature profile
conformity is assured during either soak (hold) phases or both ramp and hold
phases by an adjustable error band parameter. The program repeat function
cycles the profile either continuously or a set number of times. Power-on options
automatically re-start, stop, or resume a running profile. The profile can be
controlled via the front panel buttons, the user input, or the optional serial
communications port.
Four control points, each having a setpoint and PID parameter set, are
available for instant front panel implementation during batch changeover, or
MODEL TSC - TEMPERATURE SETPOINT CONTROLLER
DIMENSIONS In inches (mm)
Note: Recommended minimum clearance (behind the panel) for mounting clip installation is 5.5" (140) H x 2.1" (53.4) W.
Bulletin No. TSC-C
Drawing No. LP0326
Released 08/13
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
C
US LISTED
UL
R
51EB
IND. CONT. EQ.
PANEL CUT-OUT


Similar Part No. - TSC11001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSC11 ETC1-TSC11 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Bothhand USA, LP.
TSC1141 BOTHHAND-TSC1141 Datasheet
179Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
TSC1141M BOTHHAND-TSC1141M Datasheet
266Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
TSC1142 BOTHHAND-TSC1142 Datasheet
177Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
logo
Taiwan Semiconductor Co...
TSC114A TSC-TSC114A Datasheet
139Kb / 4P
   NPN Digital Transistor
More results

Similar Description - TSC11001

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PSC11004 REDLION-PSC11004 Datasheet
1Mb / 8P
   MODEL PSC - PROCESS SETPOINT CONTROLLER
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
AD597AHZ AD-AD597AHZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
logo
Red Lion Controls. Inc
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T481010A REDLION-T481010A Datasheet
915Kb / 8P
   MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com