Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0580.563NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0580.563NL
Description  Unshielded Drum Core - PF0580NL Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0580.563NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0580.563NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0580.563NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
9
SPM2007 (11/07)
SMT POWER INDUCTORS
Unshielded Drum Core - PF0580NL Series
(2)
(1)
.137
3,48
MAX
.005/0,13
XXXNL
DATE CODE
.165
4,20
MAX
Ø.185 TYP
4,70
SUGGESTED PAD LAYOUT
.039 TYP
1,00
.193 TYP
4,90
.173
4,40
TYP
Height: 3.48mm Max
Footprint: 4.7mm Typ x 4.2mm Max
Current Rating: up to 3.1A
Inductance Range: 1µH to 65µH
260°C reflow peak temperature qualified
Part 5
Inductance
Irated 2
DCR
Inductance
Saturation
3
Heating
4
Number
@Irated 1
(A)
( m
Ω MAX)
@0Adc
Current
Current Idc
(
μH TYP)
(
μH ±15%)
Isat (A)
( A)
PF0580.102NL
1.0
3.1
35
1.0
3.6
3.1
PF0580.152NL
1.4
2.7
40
1.5
2.7
2.7
PF0580.182NL
1.7
2.4
45
1.8
2.4
2.6
PF0580.222NL
2.1
2.2
49
2.2
2.2
2.4
PF0580.272NL
2.6
2.0
58
2.7
2.0
2.3
PF0580.332NL
3.1
1.8
63
3.3
1.8
2.25
PF0580.382NL
3.6
1.7
68
3.8
1.7
2.2
PF0580.472NL
4.5
1.6
77
4.7
1.6
2.0
PF0580.562NL
5.3
1.4
90
5.6
1.4
1.9
PF0580.682NL
6.5
1.3
100
6.8
1.3
1.8
PF0580.822NL
7.8
1.2
111
8.2
1.2
1.6
PF0580.103NL
9.5
1.1
132
10
1.1
1.5
PF0580.123NL
11
1.0
160
12
1.0
1.4
PF0580.153NL
14
0.85
197
15
0.85
1.3
PF0580.183NL
17
0.80
255
18
0.80
1.1
PF0580.223NL
21
0.75
280
22
0.75
1.0
PF0580.273NL
26
0.65
384
27
0.65
0.90
PF0580.333NL
31
0.58
427
33
0.58
0.85
PF0580.393NL
37
0.55
490
39
0.55
0.80
PF0580.473NL
45
0.50
645
47
0.50
0.70
PF0580.563NL
53
0.46
700
56
0.46
0.67
PF0580.683NL
65
0.41
827
68
0.41
0.62
Mechanical
Schematic
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 6
1
2
Weight . . . . . . . . . .0.22 grams
Tape & Reel . . . . . . .1950/reel
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .004
0,10
TAPE & REEL LAYOUT
USER DIRECTION OF FEED
.079
2,00
.315
8,00
.472 ± .012
12,00 ± 0,30
.142
3,60
.181
4,60


Similar Part No. - PF0580.563NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580 Datasheet
490Kb / 9P
   POWER MAGNETICS
PF0580 PULSE-PF0580 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
More results

Similar Description - PF0580.563NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
   Unshielded Drum Core
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
   Unshielded Drum Core ??PG0016NL Series
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
   Unshielded Drum Core Inductor
P0751153NLT PULSE-P0751153NLT Datasheet
148Kb / 1P
   Unshielded Drum Core - P0751NL/52NL Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com