Electronic Components Datasheet Search |
|
RLY70000 Datasheet(PDF) 2 Page - Red Lion Controls. Inc |
|
RLY70000 Datasheet(HTML) 2 Page - Red Lion Controls. Inc |
2 / 8 page 2 DESCRIPTION (Cont’d) other process conditions. A control point may have its PID gain set values disabled when implementing the control point. The optional RS485 multidrop serial communications interface provides the capability of two-way communication between a TSC unit and other compatible equipment such as a printer, a programmable controller, or a host computer. In multipoint applications the address number of each unit on the line can be programmed from 0-99. Up to thirty-two units can be installed on a single pair of wires. The Setpoint value, % Output Power, Setpoint Ramp Rate, etc. can be interrogated or changed by sending the proper command code via serial communications.Alarm output(s) may also be reset via the serial communications interface option. Optional alarm output(s) may be configured to operate as a timed event output or as a standard alarm output. As an alarm output it may be configured to activate according to a variety of actions (Absolute HI or LO, Deviation HI or LO, or Band IN or OUT) with adjustable hysteresis. Also, a standby feature suppresses the output(s) on power-up until the temperature stabilizes outside the alarm region. Timed event output(s) allow the controller to activate other equipment while a programmed profile is running. Each profile can define up to 16 event states (phases), for each output(s). An optional secondary output is available for processes that require cooling which provides increased control accuracy and response. The optional linear 4 to 20 mA or 0 to 10 VDC output signal is available to interface with final actuators, chart recorders, indicators, or other controllers. The output signal can be digitally scaled and selected to transmit one of the following: % Output Power Measurement Value Measurement Value Deviation Setpoint Value An optional Type 4X/IP65 rated bezel is available for washdown and/or dirty environments, when properly installed. Modern surface-mount technology, extensive testing, plus high immunity to noise interference, makes the controller extremely reliable in industrial environments. SAFETY SUMMARY All safety related regulations, local codes and instructions that appear in the manual or on equipment must be observed to ensure personal safety and to prevent damage to either the instrument or equipment connected to it. If equipment is used in a manner not specified by the manufacturer, the protection provided by the equipment may be impaired. Do not use the TSC to directly command motors, valves, or other actuators not equipped with safeguards. To do so, can be potentially harmful to persons or equipment in the event of a fault to the unit. An independent and redundant temperature limit indicator with alarm outputs is strongly recommended. The indicators should have input sensors and AC power feeds independent from other equipment. SPECIFICATIONS 1. DISPLAY: Dual 4-digit Upper Temperature Display: 0.4" (10.2 mm) Red LED Lower Auxiliary Display: 0.3" (7.6 mm) Green LED Display Messages: “OLOL” - Appears when measurement exceeds + sensor range. “ULUL” - Appears when measurement exceeds - sensor range. “OPEN” - Appears when open sensor is detected. “SHrt” - Appears when shorted sensor is detected (RTD only). “....” - Appears when display value exceeds + display range. “-...” - Appears when display value exceeds - display range. 2. POWER: Switch selectable for 115/230 VAC (+10%, -15%) no observable line variation effect, 48-62 Hz, 10 VA. 3. ANNUNCIATORS: 6 LED Backlight Status Indicators: %PW - Lower auxiliary display shows power output in (%). PGM - Lower auxiliary display shows profile status or profile time remaining. MAN - Controller is in manual mode. OP1 - Main control output is active. AL1 - Alarm #1 is active. AL2 - Alarm #2 is active (for Dual Alarm Option) OP2 - Cooling output is active (for Cooling Option). 4. CONTROLS: Four front panel push buttons for setup and modification of controller functions and one external input. 5. SETPOINT PROFILE: Profiles: 4 Segments Per Profile: 8 ramp/hold segments (linkable to 32 segments). Ramp Rate: 0.1 to 999.9 degrees/minute or no ramp. Hold Time: Off or from 0.1 to 999.9 minutes, can be extended to 500 hours by linking. Error Band Conformity: Off or from 1 to 9999 degrees deviation, + value for hold phases, - value for both ramp and hold phases. Power-On Modes: Stop, auto-start, or profile resume. Start Mode: Ramps from process temperature. Program Auto Cycle: 1 to 249, or continuous. Event Outputs: 2, time activated with profile [uses Alarm output(s)]. Control: Front panel buttons, user input, or RS485 communications. 6. CONTROL POINTS: Setpoints: 4 PID gain sets: 4 Control: Front panel buttons or user input. 7. SENSOR INPUT: Sample Period: 100 msec Response Time: 300 msec (to within 99% of final value w/step input; typically, response is limited to response time of probe). Failed Sensor Response: Main Control Output(s): Programmable preset output. Display: “OPEN”. Alarms: Upscale drive. DC Linear: Programmable preset output. Normal Mode Rejection: 40 db @ 50/60 Hz (improves with increased digital filtering). Common Mode Rejection: 100 db, DC to 50/60 Hz. Protection: Input overload voltage; 240 VAC @ 30 sec max. 8. THERMOCOUPLE: Types: T, E, J, K, R, S, B, N or Linear mV. Input Impedance: 20 MΩ, all types. Lead Resistance Effect: 20 µV/350 Ω. Cold Junction Compensation: Less than ±1°C error over 0-50°C ambient temperature range. Disabled for linear mV type. Resolution: 1°C/F all types, or 0.1°C/F for T, E, J, K, and N only. 9. RTD: 2, 3 or 4 wire, 100 Ω platinum, alpha = 0.00385 (DIN 43760), alpha = 0.003916 Excitation: 0.175 mA Resolution: 1 or 0.1 degree Lead Resistance: 7 Ω max. 10. RANGE AND ACCURACY: Errors include NIST conformity and A/D conversion errors at 23°C after 20 minutes warm-up. Thermocouple errors include cold junction effect. Errors are expressed as ±(% of reading) and ±3/4 LSD unless otherwise noted. TC TYPE RANGE ACCURACY WIRE COLOR (ANSI) T -200 to +400°C -328 to +752°F 0.20% + 1.5°C 0.20% + 2.7°F blue E -200 to 750°C -328 to +1382°F 0.20% + 1.5°C 0.20% + 2.7°F violet J -200 to +760°C -328 to +1400°F 0.15% + 1.5°C 0.15% + 2.7°F white K -200 to +1250°C -328 to +2282°F 0.20% + 1.5°C 0.20% + 2.7°F yellow R 0 to +1768°C +32 to +3214°F 0.15% + 2.5°C 0.15% + 4.5°F black S 0 to +1768°C +32 to +3214°F 0.15% + 2.5°C 0.15% + 4.5°F black B +200 to +1820°C +300 to +3300°F 0.15% + 2.5°C 0.15% + 4.5°F grey N -200 to +1300°C -328 to +2372°F 0.20% + 1.5°C 0.20% + 2.5°F orange mV -5.00 to 56.00 0.15% + 1 LSD __ RTD (385) -200 to +600°C -328 to +1100°F 0.10% + 0.5°C 0.10% + 0.9°F __ RTD (392) -200 to +600°C -328 to +1100°F 0.10% + 0.5°C 0.10% + 0.9°F __ OHMS 1.0 to 320.0 0.15% + 1 LSD __ 11. OUTPUT MODULES [Optional] (For All Output Channels): Relay: Type: Form-C (Form-A with RS485 option) Rating: 5 Amps @ 120/240 VAC or 28 VDC (resistive load), 1/8 HP @ 120 VAC (inductive load). Life Expectancy: 100,000 cycles at max. rating.(Decreasing load and/or increasing cycle time, increases life expectancy). Logic/SSR Drive: Can drive multiple SSR Power Units. Type: Non-isolated switched DC, 12 VDC typical. Drive: 45 mA max. Triac: Type: Isolated, Zero Crossing Detection. Ratings: Voltage: 120/240 VAC Max Load Current: 1 AMP @ 35°C 0.75 AMP @ 50°C Min Load Current: 10 mA Off State Leakage Current: 7 mA max. @ 60 Hz Operating Frequency: 20 to 500 Hz Protection: Internal Transient Snubber, Fused. |
Similar Part No. - RLY70000 |
|
Similar Description - RLY70000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |