Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0016.823NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0016.823NL
Description  Unshielded Drum Core ??PG0016NL Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0016.823NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0016.823NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0016.823NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 54643211 / 2 • China 86 755 33966678 • Taiwan 886 3 4643715
www.pulseeng.com
P683.A (5/09)
smt POWer inductOrs
Unshielded Drum Core – PG0016NL Series
Current Rating: up to 8.5A
Inductance Range: 0.33μH to 220μH
Height: 4.85 mm Max
Footprint: 6.0mm x 5.4mm MAX
electrical specifications @ 25°c — Operating temperature -40°c to +130°c 6
mechanical
schematic
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .004
0,10
Weight ..........0.46 grams
Tape & Reel .... 1400pcs/reel
.191
4.85
MAX
.236
6.0
.005
(1)
(2)
Ø
MAX
.213
5.4
MAX
DATE CODE
XXXNL
SUGGESTED PCB LAYOUT
5.8
.228
.039
TYP
1.00
.24
TYP
TYP
6.1
Part5
Number
Inductance
@Irated 1
(µH TYP)
Irated 2
(A)
DCR
(mW)
Inductance
@ 0Adc
(µH ± 15%)
Saturation Current 3
Isat
(A TYP)
Heating Current 4
Idc
(A TYP)
PG0016.331NL
0.29
8.5
4.3
0.33
13
8.5
PG0016.561NL
0.48
6.6
6.5
0.56
10
6.6
PG0016.681NL
0.68
6.0
7.0
0.68
8.0
6.0
PG0016.821NL
0.71
6.0
11
0.82
7.8
6.0
PG0016.102NL
1.0
4.5
13
1.0
6.8
4.5
PG0016.152NL
1.3
4.0
16
1.5
6.1
4.0
PG0016.222NL
2.1
3.2
23
2.2
5.0
3.2
PG0016.272NL
2.7
2.9
25
2.7
4.2
2.9
PG0016.332NL
3.1
2.6
30
3.3
4.0
2.6
PG0016.472NL
4.2
2.3
34
4.7
3.3
2.3
PG0016.682NL
6.1
1.8
55
6.8
2.9
1.8
PG0016.822NL
7.4
1.7
60
8.2
2.6
1.7
PG0016.103NL
10
1.5
80
10
2.3
1.5
PG0016.123NL
12
1.4
120
12
2.1
1.4
PG0016.153NL
14
1.3
140
15
1.8
1.3
PG0016.183NL
18
1.2
150
18
1.6
1.2
PG0016.223NL
21
1.1
180
22
1.6
1.1
PG0016.273NL
27
0.97
200
27
1.4
0.97
PG0016.333NL
33
0.88
230
33
1.3
0.88
PG0016.393NL
39
0.80
320
39
1.1
0.80
PG0016.473NL
46
0.72
370
47
1.0
0.72
PG0016.563NL
56
0.68
420
56
0.95
0.68
PG0016.683NL
68
0.61
530
68
0.80
0.61
PG0016.823NL
82
0.58
600
82
0.70
0.58
PG0016.104NL
100
0.52
840
100
0.70
0.52
PG0016.124NL
120
0.48
930
120
0.60
0.48
PG0016.154NL
150
0.40
1250
150
0.55
0.40
PG0016.184NL
180
0.38
1400
180
0.50
0.38
PG0016.224NL
217
0.35
1600
220
0.50
0.35


Similar Part No. - PG0016.823NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0016 PULSE-PG0016 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
More results

Similar Description - PG0016.823NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
   Unshielded Drum Core
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
   Unshielded Drum Core - PF0580NL Series
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
   Unshielded Drum Core Inductor
P0751153NLT PULSE-P0751153NLT Datasheet
148Kb / 1P
   Unshielded Drum Core - P0751NL/52NL Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com