Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4335.471NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4335.471NLT
Description  Shielded Drum Core
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4335.471NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4335.471NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4335.471NLT Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P764.C (07/16)
1
pulseelectronics.com
SMT Power Inductor
Shielded Drum Core - PA4335.XXXNLT Series
Height: 1.2mm Max
Footprint: 2.7mm x 2.2mm Max
Current Rating: up to 4.05A
Inductance Range: 0.24uH to 10uH
Shielded magnetic circuit reduces leakage flux, Fe
base metal core enables high saturation and
metalized core termination results in excellent shock
resistance.
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
1MHz, 1V
Rated
Current
Min.
Self-Resonant
Frequency
DC
Resistance
Saturation
Current
(20�C)
Heating
Current
MAX.
TYP.
∆ T ≈ 40�C
uH
±20%
A
MHz
m
m
A
A
PA4335.241NLT
0.24
±20%
4.05
117
23
19
6.50
4.05
PA4335.331NLT
0.33
±20%
3.70
104
28
23
5.00
3.70
PA4335.471NLT
0.47
±20%
3.45
89
35
29
4.70
3.45
PA4335.681NLT
0.68
±20%
3.15
67
43
36
3.50
3.15
PA4335.102NLT
1.0
±20%
3.00
52
54
48
3.60
3.00
PA4335.152NLT
1.5
±20%
2.40
38
72
60
2.90
2.40
PA4335.222NLT
2.2
±20%
1.90
32
120
100
2.60
1.90
PA4335.222YNLT
2.2
±20%
2.10
36
102
85
2.30
2.10
PA4335.332NLT
3.3
±20%
1.7
25
163
136
1.70
1.80
PA4335.472NLT
4.7
±20%
1.25
23
260
225
1.60
1.25
PA4335.682NLT
6.8
±20%
0.95
16
366
305
1.15
0.95
PA4335.103NLT
10
±20%
0.85
14
480
435
1.10
0.85
1. Actual temperature of the component during system operation (ambient plus temperature
rise) must be within the standard operating range.
2. The rated current as listed is either the saturation current (@ 20°C) or the heating current
(
∆ T 40°C) depending on which value is lower.
3. The saturation current is the current at which the initial inductance drops approximately
30% at the stated ambient temperature. This current is determined by placing the compo-
nent in the specified ambient environment and applying a short duration pulse current (to
eliminate self-heating effect) to the component.
4. The heating current is the DC current required to raise the component temperature by
approximately 40°C. Take note that the components’ performance varies depending on
the system condition. It is suggested that the component be tested at the system level, to
verify the temperature rise of the component during system operation.
5. Maximum voltage across terminals to be limited to <40Vdc
Notes:
~~
USA 858 674 8100
Germany 49 2354 777 100
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768


Similar Part No. - PA4335.471NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4335 PULSE-PA4335 Datasheet
1Mb / 3P
   POWER MAGNETICS
More results

Similar Description - PA4335.471NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1167NL PULSE-P1167NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0085NL PULSE-PG0085NL Datasheet
190Kb / 2P
   Shielded Drum Core
P1166NL PULSE-P1166NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0087NL PULSE-PG0087NL Datasheet
264Kb / 2P
   Shielded Drum Core
P1170.901NL PULSE-P1170.901NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4334.221NLT PULSE-PA4334.221NLT Datasheet
321Kb / 3P
   Shielded Drum Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com